Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1189CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1189CS8
Description  Low Power Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1189CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1189CS8 Datasheet HTML 4Page - Linear Technology LT1189CS8 Datasheet HTML 5Page - Linear Technology LT1189CS8 Datasheet HTML 6Page - Linear Technology LT1189CS8 Datasheet HTML 7Page - Linear Technology LT1189CS8 Datasheet HTML 8Page - Linear Technology LT1189CS8 Datasheet HTML 9Page - Linear Technology LT1189CS8 Datasheet HTML 10Page - Linear Technology LT1189CS8 Datasheet HTML 11Page - Linear Technology LT1189CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1189
10
S
APPLICATI
I FOR ATIO
Small-Signal Transient Response
Closed-Loop Voltage Gain vs Frequency
AV = 4, RFB = 910Ω, RG = 300Ω
LT1189 • AI07
AV = 4, RFB = 910Ω, RG = 300Ω, CFB = 5pF
LT1189 • AI08
Small-Signal Transient Response
Reducing the Closed-Loop Bandwidth
Although it is possible to reduce the closed-loop band-
width by using a feedback zero, instability can occur if the
bandwidth is made too low. An alternate technique is to do
differential filtering at the input of the amplifier. This
technique filters the differential input signal, and the
differential noise, but does not filter common-mode noise.
Common-mode noise is rejected by the LT1189’s CMRR.
10MHz Bandwidth Limited Amplifier
Using the Shutdown Feature
The LT1189 has a unique feature that allows the amplifier
to be shutdown for conserving power, or for multiplexing
several amplifiers onto a common cable. The amplifier will
shutdown by taking pin 5 to V–. In shutdown, the amplifier
dissipates 15mW while maintaining a true high impedance
output state of about 20k
Ω in parallel with the feedback
resistors. For MUX applications, the amplifiers may be
configured inverting, non-inverting, or differential. When
the output is loaded with as little as 1k
Ωfromtheamplifier’s
feedback resistors, the amplifier shuts off in 600ns. This
shutoff can be under the control of HC CMOS operating
between 0V and – 5V.
FREQUENCY (Hz)
30
LT1189 • AI06
100M
10M
1M
100k
20
10
–20
–10
0
VS = ±5V
TA = 25°C
AV = 4
RFB = 900Ω
RG = 300Ω
CFB = 5pF
CFB = 0pF
LT1189 • AI09
5V
7
6
LT1189
–5V
4
+
REF
3
1
–
FB
2
8
VOUT
909
Ω
R1
110
Ω
R2
110
Ω
C1
68pF
AV = 10
f–3dB =
2
π(R1 + R2)C1
1
VOUT =
FILTER
SIG + eND +
CMR
eNCM
eND
SIG
eNCM
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com