Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119H Datasheet(PDF) 6 Page - Linear Technology

Part # LM119H
Description  Dual Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119H Datasheet(HTML) 6 Page - Linear Technology

  LM119H Datasheet HTML 1Page - Linear Technology LM119H Datasheet HTML 2Page - Linear Technology LM119H Datasheet HTML 3Page - Linear Technology LM119H Datasheet HTML 4Page - Linear Technology LM119H Datasheet HTML 5Page - Linear Technology LM119H Datasheet HTML 6Page - Linear Technology LM119H Datasheet HTML 7Page - Linear Technology LM119H Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT119A/LT319A
LM119/LM319
TYPICAL APPLICATIONS
–
+
–
+
100pF
100pF
120pF
300pF
5V
680
Ω
680
Ω
10k
5V
2k
2k
1k
5V
INPUT
PULSE
0V TO 1V
INPUT
LM385-1.2
1/2 LT319A
1/2 LT319A
10
6
2
8
9
3
4
1
7
5
5V
7408
LT119/319 TA6
OUTPUT
0µs TO 1µs
(20ns MINIMUM)
4
3
–
+
1/2 LT119A
8
7
9
1
5
15V
–15V
LT119/319 TA8
3k
6
*TRIM FOR ZERO VOLTS OUT
WITH ZERO VOLTS IN
† POLYSTYRENE CAPACITOR
2
10
–
+
+
15V
15V
–15V
5V
10µF
4.7k
12k
10k
3k
2N2907
2N2907
100
Ω
240
Ω
3k
1N4148
0.003µF†
2N4931
2N2907
2N2222
3.3k
9k
20k
10pF
2pF
TO 8pF*
15V
1k
1k
9k
INPUT
1N4148
SAMPLE
HOLD
0V
Q
CLR
PRESET
VS
VOUT
CLK D
74C74
1/2 LT119A
5 Microsecond Sample-and-Hold with Zero Hold Step
–
+
1/2 LT119A
4
3
–
+
1/2 LT119A
8
7
9
1
2
5
–5V
5V
–5V
5V
LT119/319 TA7
5V
LT1004-1.2
PN4250
PN4250
82k
10k
4.7k
1k
1k
20k*
0.1µF †
1000µF †
2N3904
INPUT
0V TO 3.5V
1N4148
1N4148
1N4148
3.9k
CONVERT
COMMAND
INPUT (TTL)
15k
39k
6
1k
10k*
5V
DATA
OUT
74C04
*1% FILM
† POLYSTYRENE, MOUNT
CAPACITORS CLOSE TOGETHER
CONVERSION TIME = 10ms
* = 1%
CAPACITORS ARE POLYSTYRENE MOUNT
IN CLOSE PROXIMITY
10
10-Bit Serial Output A/D Converter
Voltage Controlled High Speed One Shot



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com