Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3448 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3448
Description  1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3448 Datasheet(HTML) 3 Page - Linear Technology

  LTC3448_15 Datasheet HTML 1Page - Linear Technology LTC3448_15 Datasheet HTML 2Page - Linear Technology LTC3448_15 Datasheet HTML 3Page - Linear Technology LTC3448_15 Datasheet HTML 4Page - Linear Technology LTC3448_15 Datasheet HTML 5Page - Linear Technology LTC3448_15 Datasheet HTML 6Page - Linear Technology LTC3448_15 Datasheet HTML 7Page - Linear Technology LTC3448_15 Datasheet HTML 8Page - Linear Technology LTC3448_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC3448
3448f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Bias Current
VIN = 3.6V (Note 5)
Active Mode (Pulse Skip, No LRO)
VFB = 0.5V or VOUT = 90%, ILOAD = 0A, 1.5MHz
250
375
µA
VFB = 0.5V or VOUT = 90%, ILOAD = 0A, 2.25MHz
275
400
µA
Linear Regulator Operation (LRO)
ILOAD ≤ ILDO(ON)
32
43
µA
Shutdown
VRUN = 0V, VIN = 5.5V
0.1
1
µA
fOSC
Oscillator Frequency
FREQ = Low, VIN = 3.6V
●
1.2
1.5
1.8
MHz
FREQ = High
●
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
(Note 6)
1.5
>4
MHz
VTH(SYNC)
SYNC Activation Input Threshold
1
1.3
V
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.4
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –150mA
0.35
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
VRUNH
RUN Threshold High
●
1.5
V
VRUNL
RUN Threshold Low
●
0.3
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
VFREQH
FREQ Threshold High
●
VIN – 1
V
VFREQL
FREQ Threshold Low
●
1V
IFREQ
FREQ Leakage Current
●
±0.01
±1
µA
VMODEH
MODE Threshold High
● VIN – 0.15
V
VMODEL
MODE Threshold Low
●
0.12
V
IMODE
MODE Leakage Current
●
±0.1
±1
µA
ISYNC
SYNC Leakage Current
●
±0.01
±1
µA
ILDO(ON)
LRO ON Load Current Threshold
2.2mH Inductor (Note 8)
3
5
mA
ILDO(OFF)
LRO OFF Load Current Threhold
8
11
17
mA
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3448E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD)(43°C/W)
Note 4: The LTC3448 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. LRO is “linear regulator operation.”
Note 6: 4MHz operation is guaranteed by design but is not production
tested and is subject to duty cycle limitations.
Note 7: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature is active. Continu-
ous operation above the specified maximum operating junction tempera-
ture may impair device reliability.
Note 8: The load current below which the switching regulator turns off and
the LDO turns on is, to first order, inversely proportional to the value of
the inductor. This effect is covered in more detail in the Operation section.
This parameter is not production tested but is guaranteed by design.
Note 9: For 2.5V < VIN < 2.7V the output voltage is limited to VIN – 0.7V
to ensure regulation in linear regulator mode. This parameter is not
production tested but is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com