Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM319H Datasheet(PDF) 7 Page - Linear Technology

Part # LM319H
Description  Dual Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM319H Datasheet(HTML) 7 Page - Linear Technology

  LM319H Datasheet HTML 1Page - Linear Technology LM319H Datasheet HTML 2Page - Linear Technology LM319H Datasheet HTML 3Page - Linear Technology LM319H Datasheet HTML 4Page - Linear Technology LM319H Datasheet HTML 5Page - Linear Technology LM319H Datasheet HTML 6Page - Linear Technology LM319H Datasheet HTML 7Page - Linear Technology LM319H Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT119A/LT319A
LM119/LM319
TYPICAL APPLICATIONS
5kHz to 2MHz V
→F Converter
8
9
–
+
1/2 LT119A
3
2
4
6
5
1
7
10
–
+
10k
1/2 LT119A
5V
3.3k
20k
† SET SCALE FACTOR
2k †
0V TO 10V
0.01µF
22pF
–5V
5V
10k
10k
2k
3k
470
Ω
470
Ω
50pF
POLYSTYRENE
2N2369
330
Ω
5V
5V
–5V
LT1004-1.2
1M
0.1µF
TTL OUT
5kHz TO 2MHz
ALL DIODES 1N4148
LT119/319 TA9
220
Ω
SCHEMATIC DIAGRAM
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
R2
4k
R4
3k
R5
3k
R8
2k
R11
13k
R12
13k
R17
3
Ω
R10
170
Ω
C1
18pF
R6
3k
R7
3k
R3
4k
R1
3.5k
Q4
Q6
Q7
Q8
Q9
Q5
Q21
Q11
Q12
Q13
Q10
Q15
Q17
GND
V–
V+
Q16
Q14
Q20
Q18
Q19
Q22
Q3
Q2
Q1
5.6V
5.6V
R25
600
Ω
R24
250
Ω
R23
4k
R22
60
Ω
R20
3.6k
R21
900
Ω
R18
1.9k
R9
18k
R19
250
Ω
R14
2k
R13
600
Ω
R15
300
R16
600
Ω
TO OTHER
SIDE
LT119A
OUTPUT
INPUTS
–
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com