Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1206CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1206CS8
Description  250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1206CS8 Datasheet HTML 8Page - Linear Technology LT1206CS8 Datasheet HTML 9Page - Linear Technology LT1206CS8 Datasheet HTML 10Page - Linear Technology LT1206CS8 Datasheet HTML 11Page - Linear Technology LT1206CS8 Datasheet HTML 12Page - Linear Technology LT1206CS8 Datasheet HTML 13Page - Linear Technology LT1206CS8 Datasheet HTML 14Page - Linear Technology LT1206CS8 Datasheet HTML 15Page - Linear Technology LT1206CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1206
COPPER AREA
COPPER AREA
power plane layer either inside or on the opposite side of
the board. Although the actual thermal resistance of the
PCB material is high, the length/area ratio of the thermal
resistance between the layer is small. Copper board stiff-
eners and plated through holes can also be used to spread
the heat generated by the device.
Tables 1 and 2 list thermal resistance for each package. For
the TO-220 package, thermal resistance is given for junc-
tion-to-case only since this package is usually mounted to
a heat sink. Measured values of thermal resistance for
several different board sizes and copper areas are listed for
each surface mount package. All measurements were
taken in still air on 3/32" FR-4 board with 1oz copper. This
data can be used as a rough guideline in estimating
thermal resistance. The thermal resistance for each appli-
cation will be affected by thermal interactions with other
components as well as board size and shape.
Table 1. R Package, 7-Lead DD
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500 sq. mm
2500 sq. mm
2500 sq. mm
25
°C/W
1000 sq. mm
2500 sq. mm
2500 sq. mm
27
°C/W
125 sq. mm
2500 sq. mm
2500 sq. mm
35
°C/W
*Tab of device attached to topside copper
Table 2. S8 Package, 8-Lead Plastic SOIC
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500 sq. mm
2500 sq. mm
2500 sq. mm
60
°C/W
1000 sq. mm
2500 sq. mm
2500 sq. mm
62
°C/W
225 sq. mm
2500 sq. mm
2500 sq. mm
65
°C/W
100 sq. mm
2500 sq. mm
2500 sq. mm
69
°C/W
100 sq. mm
1000 sq. mm
2500 sq. mm
73
°C/W
100 sq. mm
225 sq. mm
2500 sq. mm
80
°C/W
100 sq. mm
100 sq. mm
2500 sq. mm
83
°C/W
*Pins 1 and 8 attached to topside copper
Y Package, 7-Lead TO-220
Thermal Resistance (Junction-to-Case) = 5
°C/W
N8 Package, 8-Lead DIP
Thermal Resistance (Junction-to-Ambient) = 100
°C/W
Calculating Junction Temperature
The junction temperature can be calculated from the
equation:
TJ = (PD × θJA) + TA
where:
TJ = Junction Temperature
TA = Ambient Temperature
PD = Device Dissipation
θJA = Thermal Resistance (Junction-to Ambient)
As an example, calculate the junction temperature for the
circuit in Figure 7 for the N8, S8, and R packages assuming
a 70
°C ambient temperature.
S
APPLICATI
I FOR ATIO
Figure 7. Thermal Calculation Example
The device dissipation can be found by measuring the
supply currents, calculating the total dissipation, and
then subtracting the dissipation in the load and feedback
network.
PD = (39mA × 30V) – (12V)
2/(2k||2k) = 1.03W
Then:
TJ = (1.03W × 100°C/W) + 70°C = 173°C
for the N8 package
TJ = (1.03W × 65°C/W) × + 70°C = 137°C
for the S8 with 225 sq. mm topside heat sinking
TJ = (1.03W × 35°C/W) × + 70°C = 106°C
for the R package with 100 sq. mm topside
heat sinking
Since the Maximum Junction Temperature is 150
°C, the
N8 package is clearly unacceptable. Both the S8 and R
packages are usable.
–
+
15V
–15V
0.01
µF
2k
330
Ω
2k
300pF
–12V
12V
f = 2MHz
39mA
I
LT1206 • F07
LT1206
S/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com