Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1213 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1213
Description  28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1213 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1213 Datasheet HTML 4Page - Linear Technology LT1213 Datasheet HTML 5Page - Linear Technology LT1213 Datasheet HTML 6Page - Linear Technology LT1213 Datasheet HTML 7Page - Linear Technology LT1213 Datasheet HTML 8Page - Linear Technology LT1213 Datasheet HTML 9Page - Linear Technology LT1213 Datasheet HTML 10Page - Linear Technology LT1213 Datasheet HTML 11Page - Linear Technology LT1213 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1213/LT1214
Note 1: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1213MJ8, LT1213AMJ8:
TJ = TA + (PD × 100°C/W)
LT1213CN8, LT1213ACN8:
TJ = TA + (PD × 100°C/W)
LT1213CS8:
TJ = TA + (PD × 150°C/W)
LT1214CN:
TJ = TA + (PD × 70°C/W)
LT1214CS:
TJ = TA + (PD × 100°C/W)
Note 3: This parameter is not 100% tested.
Note 4: Guaranteed by correlation to 3.3V and
±15V tests.
Note 5: The LT1213/LT1214 are not tested and are not quality-assurance
sampled at – 40
°C and at 85°C. These specifications are guaranteed by
design, correlation and/or inference from – 55
°C, 0°C, 25°C, 70°C and/or
125
°C tests.
Note 6: Slew rate is measured between
±8.5V on an output swing of ±10V
on
±15V supplies.
Note 7: Most LT1213/LT1214 electrical characteristics change very little
with supply voltage. See the 5V tables for characteristics not listed in the
3.3V table.
Note 8: Guaranteed by correlation to 5V and
±15V tests.
Note 9: Guaranteed by correlation to 3.3V tests.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
ELECTRICAL C
C
HARA TERISTICS
Distribution of Offset Voltage Drift
Distribution of Input Offset Voltage
with Temperature
Distribution of Input Offset Voltage
Distribution of Offset Voltage Drift
Distribution of Input Offset Voltage
with Temperature
Distribution of Input Offset Voltage
INPUT OFFSET VOLTAGE (
µV)
–350
70
60
50
40
30
20
10
0
–150
50
150
1213/14 G01
–250
–50
250
350
LT1213 J8 PACKAGE
LT1213 N8 PACKAGE
VS = 5V
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–3
50
40
30
20
10
0
3
1213/14 G02
–2
–1
1
LT1213 J8 PACKAGE
LT1213 N8 PACKAGE
VS = 5V
02
INPUT OFFSET VOLTAGE (
µV)
–700
70
60
50
40
30
20
10
0
–300
100
300
1213/14 G03
–500
–100
500
700
LT1213 J8 PACKAGE
LT1213 N8 PACKAGE
VS = ±15V
INPUT OFFSET VOLTAGE (
µV)
–350
70
60
50
40
30
20
10
0
–150
50
150
1213/14 G04
–250
–50
250
350
LT1213 S8 PACKAGE
LT1214 N PACKAGE
LT1214 S PACKAGE
VS = 5V
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
–6
50
40
30
20
10
0
6
1213/14 G05
–4
–2
2
LT1213 S8 PACKAGE
LT1214 N PACKAGE
LT1214 S PACKAGE
VS = 5V
04
INPUT OFFSET VOLTAGE (
µV)
–700
70
60
50
40
30
20
10
0
–300
100
300
1213/14 G06
–500
–100
500
700
LT1213 S8 PACKAGE
LT1214 N PACKAGE
LT1214 S PACKAGE
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com