Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1210CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology LT1210CS Datasheet HTML 10Page - Linear Technology LT1210CS Datasheet HTML 11Page - Linear Technology LT1210CS Datasheet HTML 12Page - Linear Technology LT1210CS Datasheet HTML 13Page - Linear Technology LT1210CS Datasheet HTML 14Page - Linear Technology LT1210CS Datasheet HTML 15Page - Linear Technology LT1210CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1210
S
APPLICATI
I FOR ATIO
then:
TJ = (0.56W)(46°C/W) + 70°C = 96°C
for the SO package with 1000 sq. mm topside
heat sinking
TJ = (0.56W)(27°C/W) + 70°C = 85°C
for the R package with 1000 sq. mm topside heat
sinking
Since the maximum junction temperature is 150
°C,
both packages are clearly acceptable.
–
+
LT1210
SD
–15V
15V
24k
10k
5V
2N3904
1210 TA04
CMOS Logic to Shutdown Interface
Precision
×10 High Current Amplifier
–
+
LT1097
–
+
LT1210
VIN
SD
COMP
0.01
µF
3k
330
Ω
9.09k
1k
OUT
OUTPUT OFFSET: < 500
µV
SLEW RATE: 2V/
µs
BANDWIDTH: 4MHz
STABLE WITH CL < 10nF
1210 TA03
500pF
TYPICAL APPLICATIONS
T7 Package, 7-Lead TO-220
Thermal Resistance (Junction-to-Case) = 5
°C/W
Calculating Junction Temperature
The junction temperature can be calculated from the
equation:
TJ = (PD)(θJA) + TA
where:
TJ = Junction Temperature
TA = Ambient Temperature
PD = Device Dissipation
θJA = Thermal Resistance (Junction-to-Ambient)
As an example, calculate the junction temperature for the
circuit in Figure 7 for the SO and R packages assuming a
70
°C ambient temperature.
The device dissipation can be found by measuring the
supply currents, calculating the total dissipation and then
subtracting the dissipation in the load and feedback
network.
PD = (76mA)(10V) – (1.4V)
2/ 10 = 0.56W
–
+
LT1210
SD
5V
–5V
680
Ω
220
Ω
10
Ω
0V
2V
VO
VO = 1.4VRMS
76mA
1210 F07
–2V
A
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com