Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1217 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1217
Description  Low Power 10MHz Current Feedback Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1217 Datasheet(HTML) 2 Page - Linear Technology

  LT1217 Datasheet HTML 1Page - Linear Technology LT1217 Datasheet HTML 2Page - Linear Technology LT1217 Datasheet HTML 3Page - Linear Technology LT1217 Datasheet HTML 4Page - Linear Technology LT1217 Datasheet HTML 5Page - Linear Technology LT1217 Datasheet HTML 6Page - Linear Technology LT1217 Datasheet HTML 7Page - Linear Technology LT1217 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1217
2
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Supply Voltage ......................................................
±18V
Input Current ......................................................
±10mA
Input Voltage ............................ Equal to Supply Voltage
Output Short Circuit Duration (Note 1) ......... Continuous
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature ........................................... 150
°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
ELECTRICAL C
C
HARA TERISTICS V
S = ± 15V, TA = 0°C to 70°C unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
q
±1
±3mV
IIN+
Non-Inverting Input Current
VCM = 0V
q
±100
±500
nA
IIN–
Inverting Input Current
VCM = 0V
q
±100
±500
nA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω
6.5
nV/
√Hz
in
Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω
0.7
pA/
√Hz
RIN
Input Resistance
VIN = ±10V
q
20
100
M
Ω
CIN
Input Capacitance
1.5
pF
Input Voltage Range
q
±10
±12
V
CMRR
Common Mode Rejection Ratio
VCM = ±10V
q
60
66
dB
Inverting Input Current Common Mode Rejection
VCM = ±10V
q
5
20
nA/V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
q
68
76
dB
Non-Inverting Input Current Power Supply Rejection
VS = ±4.5V to ±18V
q
2
20
nA/V
Inverting Input Current Power Supply Rejection
VS = ±4.5V to ±18V
q
10
50
nA/V
AV
Large Signal Voltage Gain
RLOAD = 2k, VOUT = ±10V
q
90
105
dB
RLOAD = 400Ω, VOUT = ±10V
q
70
dB
ROL
Transresistance,
∆VOUT/∆IIN–
RLOAD = 2k, VOUT = ±10V
q
545
M
Ω
RLOAD = 400Ω, VOUT = ±10V
q
1.5
M
Ω
VOUT
Output Swing
RLOAD = 2k
q
±12
±13
V
RLOAD = 200Ω
q
±10
V
IOUT
Output Current
RLOAD = 0Ω
q
50
100
mA
SR
Slew Rate (Note 2, 3)
RF = 3k, RG = 3k
q
100
500
V/
µs
BW
Bandwidth
RF = 3k, RG = 3k, VOUT = 100mV
10
MHz
tr
Rise Time, Fall Time (Note 3)
RF = 3k, RG = 3k, VOUT = 1V
q
30
40
ns
tPD
Propagation Delay
RF = 3k, RG = 3k, VOUT = 1V
25
ns
Overshoot
RF = 3k, RG = 3k, VOUT = 1V
5
%
ts
Settling Time, 0.1%
RF = 3k, RG = 3k, VOUT = 10V
280
ns
IS
Supply Current
VIN = 0V
q
12
mA
Supply Current, Shutdown
Pin 8 Current = 50
µA
q
350
1000
µA
Note 2: Non-Inverting operation, VOUT = ±10V, measured at ±5V.
Note 3: AC parameters are 100% tested on the plastic DIP packaged parts
(N suffix), and are sample tested on every lot of the SO packaged parts
(S suffix).
The q denotes specifications which apply over the operating temperature
range.
Note 1: A heat sink may be required.
ORDER PART
NUMBER
LT1217CN8
LT1217CS8
1217
S8 PART MARKING
S8 PACKAGE
8-LEAD PLASTIC SOIC
8
7
6
5
4
3
2
1
NULL
–IN
+IN
V
NULL
OUT
+
V
SHUTDOWN
TOP VIEW
–
N8 PACKAGE
8-LEAD PLASTIC DIP
LT1217 • POI01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com