Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20L100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR20L100CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR20L100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR20L100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR20L100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR20L100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR20L100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IRRM
A
μA
mA
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1308038
Version: G13
Polarity:
As marked
MBR20L100CT thru MBR20L120CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Mounting torque:
5 in-lbs maximum
Weight:
1.9 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
Maximum repetitive peak reverse voltage
MECHANICAL DATA
TO-220AB
Case:
TO-220AB
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
20
100
120
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
20
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
V
TYP
Peak repetitive reverse surge current (Note 1)
1
Maximum instantaneous forward voltage (Note 2)
IF= 10A, TJ=25℃
IF= 10A, TJ=125℃
IF= 20A, TJ=25℃
IF= 20A, TJ=125℃
VF
MAX
TYP
MAX
0.72
Voltage rate of change (Rated VR)
10000
Typical thermal resistance
Operating junction temperature range
- 55 to +150
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
TYP
MAX
TYP
Storage temperature range
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
MBR20L100CT
MBR20L120CT
100
120
70
84
0.75
0.78
0.83
0.58
0.68
0.63
0.72
10
0.81
0.85
0.86
0.90
0.67
0.75
0.73
0.80
2.8
3.0
MAX
1.10
20
1.00
20
1.20
15
1.40


Similar Part No. - MBR20L100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
20.0 AMP. Schottky Barrier Rectifiers
logo
Sirectifier Global Corp...
MBR20L100CT SIRECT-MBR20L100CT Datasheet
180Kb / 2P
Power Schottky Rectifier - 20Amp 100Volt
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
130Kb / 2P
20.0AMPS Low VF Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR20L100CT NIUHANG-MBR20L100CT Datasheet
6Mb / 5P
LOW VF SCHOTTKY RECTIFIERS
MBR20L100CT NIUHANG-MBR20L100CT Datasheet
7Mb / 5P
SUPER LOW VF SCHOTTKY RECTIFIERS
More results

Similar Description - MBR20L100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com