Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1211CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1211CS8
Description  14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1211CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1211CS8 Datasheet HTML 1Page - Linear Technology LT1211CS8 Datasheet HTML 2Page - Linear Technology LT1211CS8 Datasheet HTML 3Page - Linear Technology LT1211CS8 Datasheet HTML 4Page - Linear Technology LT1211CS8 Datasheet HTML 5Page - Linear Technology LT1211CS8 Datasheet HTML 6Page - Linear Technology LT1211CS8 Datasheet HTML 7Page - Linear Technology LT1211CS8 Datasheet HTML 8Page - Linear Technology LT1211CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1211/LT1212
5V
ELECTRICAL C
C
HARA TERISTICS
VS = 5V, VCM = 0.5V, VOUT = 0.5V, – 55°C ≤ TA ≤ 125°C, unless otherwise noted.
LT1211AM
LT1211M
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
140
250
200
500
µV
∆VOS
Input Offset Voltage Drift
0.7
1.5
1
3
µV/°C
∆T
(Note 3)
IOS
Input Offset Current
15
40
25
75
nA
IB
Input Bias Current
75
130
85
160
nA
Input Voltage Range
3.1
3.2
3.1
3.2
V
0.4
0.2
0.4
0.2
V
CMRR
Common-Mode Rejection Ratio
VCM = 0.4V to 3.1V
87
104
81
101
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12.5V
87
113
84
109
dB
AVOL
Large-Signal Voltage Gain
VO = 0.05V to 3.7V, RL = 500Ω
100
250
100
250
V/mV
Maximum Output Voltage Swing Output High, No Load
4.10
4.20
4.10
4.20
V
(Note 4)
Output High, ISOURCE = 1mA
3.95
4.10
3.95
4.10
V
Output High, ISOURCE = 10mA
3.70
3.90
3.70
3.90
V
Output Low, No Load
0.007
0.010
0.007
0.010
mV
Output Low, ISINK = 1mA
0.060
0.085
0.060
0.085
mV
Output Low, ISINK = 10mA
0.350
0.500
0.350
0.500
mV
IS
Supply Current per Amplifier
0.5
1.7
2.5
0.5
1.7
2.5
mA
VS = ±15V, VCM = 0V, VOUT = 0V, TA = 25°C, unless otherwise noted.
LT1211AC
LT1211C/LT1211M
LT1211AM
LT1212C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
125
400
150
550
µV
IOS
Input Offset Current
5
20
5
30
nA
IB
Input Bias Current
45
95
50
120
nA
Input Voltage Range
13.5
13.8
13.5
13.8
V
–15.0
– 15.3
–15.0
– 15.3
V
CMRR
Common-Mode Rejection Ratio
VCM = –15V to 13.5V
90
105
86
102
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±18V
90
113
87
110
dB
AVOL
Large-Signal Voltage Gain
VO = 0V to ±10V, RL = 2k
1200
5000
1200
5000
V/mV
Maximum Output Voltage Swing Output High, ISOURCE = 15mA
13.8
14.0
13.8
14.0
V
Output Low, ISINK = 15mA
–14.4
–14.6
–14.4
–14.6
V
IO
Maximum Output Current
(Note 9)
±20
±50
±20
±50
mA
SR
Slew Rate
AV = – 2 (Note 6)
5
7
5
7
V/
µs
GBW
Gain-Bandwidth Product
f = 100kHz
8
14
8
14
MHz
IS
Supply Current per Amplifier
0.9
1.8
2.5
0.9
1.8
2.5
mA
Channel Separation
VO = ±10V, RL = 2k
128
140
128
140
dB
Minimum Supply Voltage
Equal Split Supplies
±1.2
±2.0
±1.2
±2.0
V
Full Power Bandwidth
AV = 1, VO = 20VP-P
60
60
kHz
Settling Time
0.01%, AV = 1, ∆VO = 10V
2.2
2.2
µs
+15V ELECTRICAL C
C
HARA TERISTICS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com