Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1227CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1227CS8
Description  140MHz Video Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1227CS8 Datasheet HTML 1Page - Linear Technology LT1227CS8 Datasheet HTML 2Page - Linear Technology LT1227CS8 Datasheet HTML 3Page - Linear Technology LT1227CS8 Datasheet HTML 4Page - Linear Technology LT1227CS8 Datasheet HTML 5Page - Linear Technology LT1227CS8 Datasheet HTML 6Page - Linear Technology LT1227CS8 Datasheet HTML 7Page - Linear Technology LT1227CS8 Datasheet HTML 8Page - Linear Technology LT1227CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1227
140MHz Video Current
Feedback Amplifier
APPLICATI
TYPICAL
S
FEATURE
s
140MHz Bandwidth: AV = 2, RL = 150Ω
s
1100V/
µs Slew Rate
s
Low Cost
s
30mA Output Drive Current
s
0.01% Differential Gain
s
0.01
° Differential Phase
s
High Input Impedance: 14M
Ω, 3pF
s
Wide Supply Range:
±2V to ±15V
s
Shutdown Mode: IS < 250µA
s
Low Supply Current: IS = 10mA
s
Inputs Common Mode to Within 1.5V of Supplies
s
Outputs Swing Within 0.8V of Supplies
The LT1227 is a current feedback amplifier with wide
bandwidth and excellent video characteristics. The low
differential gain and phase, wide bandwidth, and 30mA
output drive current make the LT1227 well suited to drive
cables in video systems.
A shutdown feature switches the device into a high imped-
ance, low current mode, allowing multiple devices to be
connected in parallel and selected. Input to output isola-
tion in shutdown is 70dB at 10MHz for input amplitudes up
to 10VP-P. The shutdown pin interfaces to open collector
or open drain logic and takes only 4
µs to enable or disable.
The LT1227 comes in the industry standard pinout and
can upgrade the performance of many older products. For
a dual or quad version, see the LT1229/1230 data sheet.
The LT1227 is manufactured on Linear Technology’s
proprietary complementary bipolar process.
DESCRIPTIO
Video Cable Driver
Differential Gain and Phase
vs Supply Voltage
–
+
75
Ω
CABLE
VOUT
75
Ω
RG
1k
LT1227
75
Ω
VIN
VOUT
VIN
= 1
1227 TA01
RF
1k
s
Video Amplifiers
s
Cable Drivers
s
RGB Amplifiers
s
Test Equipment Amplifiers
s
50
Ω Buffers for Driving Mixers
S
APPLICATI
SUPPLY VOLTAGE (±V)
5
0.12
0.16
0.20
13
LT1227 • TA02
0.08
0.04
0
7
9
11
15
0.12
0.16
0.20
0.08
0.04
0
NTSC COMPOSITE
f = 3.58MHz
∆φ
∆G


Similar Part No. - LT1227CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227CS8 LINER-LT1227CS8 Datasheet
244Kb / 12P
140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227CS8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
Dual 125MHz Video Current Feedback Amplifier
June 2, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Linear Technology
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com