Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1237C Datasheet(PDF) 7 Page - Linear Technology

Part # LT1237C
Description  5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1237C Datasheet(HTML) 7 Page - Linear Technology

  LT1237C Datasheet HTML 1Page - Linear Technology LT1237C Datasheet HTML 2Page - Linear Technology LT1237C Datasheet HTML 3Page - Linear Technology LT1237C Datasheet HTML 4Page - Linear Technology LT1237C Datasheet HTML 5Page - Linear Technology LT1237C Datasheet HTML 6Page - Linear Technology LT1237C Datasheet HTML 7Page - Linear Technology LT1237C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1237
S
APPLICATI
I FOR ATIO
Storage Capacitor Selection
The V+ and V storage capacitors must be chosen care-
fully to insure low ripple and stable operation. The LT1237
charge pump operates in a power efficient Burst Mode
TM
operation. When storage capacitor voltage drops below a
preset threshold, the oscillator is gated on until V+ and V
are boosted up to levels exceeding a second threshold.
The oscillator then turns off, and current is supplied from
the V+ and V storage capacitors.
The V potential is monitored to control charge pump
operation. It is therefore important to insure lower V+
ripple than V ripple, or erratic operation of the charge
pump will result. Proper operation is insured in most
applications by choosing the V+ filter capacitor to be at
least 5 times the Vfilter capacitor value. If V+ is more
heavily loaded than V, a larger ratio may be needed.
The V filter capacitor should be selected to obtain low
ripple when the drivers are loaded, forcing the charge
pump into continuous mode. A minimum value 0.1
µF is
suggested.
Do not attempt to reduce Vripple when the charge pump
is in discontinuous Burst Mode operation. The ripple in
this mode is determined by internal comparator thresh-
olds. Larger storage capacitor values increase the burst
period, and do not reduce ripple amplitude.
Power Saving Operational Modes
The LT1237 has both shutdown and driver disable operat-
ing modes. These operating modes can optimize power
consumption based upon applications needs.
The On/Off shutdown control turns off all circuitry except
for Low-Q RX5. When RX5 detects a signal, this informa-
tion can be used to wake up the system for full operation.
If more than one line must be monitored, the driver disable
mode provides a power efficient operating option. The
driver disable mode turns off the charge pump and RS232
drivers, but keeps all five receivers active. Power con-
sumption in driver disable mode is 3mA from VCC.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Burst Mode is a trademark of Linear Technology Corporation
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 0694
0.301 – 0.311
(7.65 – 7.90)
1234 5 6 7 8 9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
N28 1197
0.505 – 0.560*
(12.827 – 14.224)
1.455*
(36.957)
MAX
12
3
4
5
6
7
8
9
10
27
19
20
21
22
24
23
25
26
28
11
12
13
14
15
16
17
18
0.070
(1.778)
TYP
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.150
± 0.005
(3.810
± 0.127)
0.018
± 0.003
(0.457
± 0.076)
0.035 – 0.080
(0.889 – 2.032)
0.100
± 0.010
(2.540
± 0.254)
0.045 – 0.065
(1.143 – 1.651)
0.009 – 0.015
(0.229 – 0.381)
0.625
+0.035
–0.015
+0.889
–0.381
15.87
()
0.600 – 0.625
(15.240 – 15.875)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
NW Package
28-Lead PDIP (Wide 0.600)
(LTC DWG # 05-08-1520)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com