Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1301C Datasheet(PDF) 9 Page - Linear Technology

Part # LT1301C
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301C Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1301C Datasheet HTML 4Page - Linear Technology LT1301C Datasheet HTML 5Page - Linear Technology LT1301C Datasheet HTML 6Page - Linear Technology LT1301C Datasheet HTML 7Page - Linear Technology LT1301C Datasheet HTML 8Page - Linear Technology LT1301C Datasheet HTML 9Page - Linear Technology LT1301C Datasheet HTML 10Page - Linear Technology LT1301C Datasheet HTML 11Page - Linear Technology LT1301C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1301
TYPICAL APPLICATIONS N
LCD Contrast Supply
+
100µF
22µF
35V
CONTRAST
VOUT –4V TO –29V 12mA
MAXIMUM FROM 1.8V SUPPLY
(77% EFFICIENT)
20mA MAXIMUM FROM
3V SUPPLY (83% EFFICIENT)
2.2µF
SW
PWM IN
0% TO 100%
CMOS DRIVE 0V TO 5V
150K
12K
12K
1
10
8
2
9
3
7
4
ILIM
PGND
GND
SENSE
LT1301
SELECT
LT1300 TA5
1N5819
T1
T1 = DALE LPE-5047-AO45 (605) 665-9301
SHDN
SHUTDOWN
NC
NC
VIN
VIN
1.8V TO 6V
+
+
0.1µF
1µF
10µF
7.5K
1%
22pF
3kV
0.068µF
120
Ω
1
Ω
WIMA
MKP20
ZTX849
ZTX849
1N4148
2N3904
CCFL
SW
ILIM
PGND
GND
SENSE
LT1301
SELECT
1N5817
L1
47µH
VIN
2V - 6V
T1 = COILTRONICS CTX110654-1
L1 = COILCRAFT D03316-473
SHDN
SHUTDOWN
VIN
+
+
15
TI
4
97
32
0 - 5VDC IN
INTENSITY ADJUST
100µA TO 2mA BULB CURRENT
LT1300 TA6
NC
Low-Voltage CCFL Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com