Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1302 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1302
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1302 Datasheet HTML 4Page - Linear Technology LT1302 Datasheet HTML 5Page - Linear Technology LT1302 Datasheet HTML 6Page - Linear Technology LT1302 Datasheet HTML 7Page - Linear Technology LT1302 Datasheet HTML 8Page - Linear Technology LT1302 Datasheet HTML 9Page - Linear Technology LT1302 Datasheet HTML 10Page - Linear Technology LT1302 Datasheet HTML 11Page - Linear Technology LT1302 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1302/LT1302-5
APPLICATIONS INFORMATION
and there is no low frequency component. The total ESR
is under 0.03
Ω. If a single 100µF aluminum electrolytic
capacitor is used instead, the converter mode-hops be-
tween current mode and Burst Mode due to high ESR,
causing the voltage comparator to trip as shown in Figure
5. The ripple voltage is now over 500mVP-P and contains
a low frequency component. Maximum allowable output
capacitor ESR can be calculated by the following formula:
ESR
VV
VA
MAX
OS
OUT
REF
=
×
× 1
where,
VOS = 15mV
VREF = 1.24V
500
µs/DIV
1302 F04
VOUT
50mV/DIV
AC COUPLED
ILOAD
Figure 4. Low ESR Output Capacitor Results in Stable
Operation. Ripple Voltage is Under 30mVP-P
500
µs/DIV
1302 F05
VOUT
200mV/DIV
AC COUPLED
ILOAD
Figure 5. Inexpensive Electrolytic Capacitor Has High
ESR, Resulting in Mode-Hop, Ripple Voltage Amplitude Is
Over 500mVP-P and Includes Low Frequency Component
510mA
10mA
510mA
10mA
Input Capacitor
The input supply should be decoupled with a good quality
electrolytic capacitor close to the LT1302 to provide a
stable input supply. Long leads or traces from power
source to the switcher can have considerable impedance
at the LT1302’s switching frequency. The input capacitor
provides a low impedance at high frequency. A 0.1
µF
ceramic capacitor is required right at the VIN pin. When the
input voltage can be above 5V, a 10
Ω/1µF decoupling
network for VIN is recommended as detailed in Figure 6.
This network is also recommended when driving a trans-
former.
Figure 6. A 10
Ω/1µF Decoupling Network at VIN Is
Recommended When Input Voltage Is Above 5V
+
+
VIN
SW
PGND
1
µF
LT1302
• • •
GND
47
µF
TO
100
µF
10
Ω
1302 F06
VIN > 5V
Table 2 lists capacitor vendors along with device types.
Table 2. Recommended Capacitors
VENDOR
SERIES
TYPE
PHONE NO.
AVX
TPS
Surface Mount
(803) 448-9411
Sanyo
OS-CON
Through Hole
(619) 661-6835
Sprague
595D
Surface Mount
(603) 224-1961
Diode Selection
A 2A Schottky diode such as Motorola MBRS130LT3 has
been found to be the best available. Other choices include
1N5821 or MBRS130T3. Do not use “general purpose”
diodes such as 1N4001. They are much too slow for use
in switching regulator applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com