Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1306ES8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1306ES8
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306ES8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1306ES8 Datasheet HTML 8Page - Linear Technology LT1306ES8 Datasheet HTML 9Page - Linear Technology LT1306ES8 Datasheet HTML 10Page - Linear Technology LT1306ES8 Datasheet HTML 11Page - Linear Technology LT1306ES8 Datasheet HTML 12Page - Linear Technology LT1306ES8 Datasheet HTML 13Page - Linear Technology LT1306ES8 Datasheet HTML 14Page - Linear Technology LT1306ES8 Datasheet HTML 15Page - Linear Technology LT1306ES8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1306
©LINEAR TECHNOLOGY CORPORATION 1999
1306f LT/TP 0400 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1302
High Output Current Micropower DC/DC Converter
5V/600mA from 2V, 2A Internal Switch, 200
µA IQ
LT1304
2-Cell Micropower DC/DC Converter
5V/200mA, Low-Battery Detector Active in Shutdown
LT1307/LT1307B
Single Cell, Micropower, 600kHz PWM DC/DC Converters
3.3V at 75mA from One Cell, MSOP Package
LT1308A/LT1308B
High Output Current Micropower DC/DC Converter
5V at 1A from Single Li-Ion Cell
LT1316
Burst Mode Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317/LT1317B
Micropower, 600kHz PWM DC/DC Converters
100
µA IQ, Operate with VIN as Low as 1.5V
LT1610
Single-Cell Micropower DC/DC Converter
3V at 30mA from 1V, 1.7MHz Fixed Frequency
LT1613
1.4MHz Switching Regulator in 5-Lead SOT-23
5V at 200mA from 4.4V Input, Tiny SOT-23 package
LT1615
Micropower Step-Up DC/DC in 5-Lead SOT-23
20
µA IQ, 36V/350mA Internal Switch, VIN as Low as 1.2V
LTC1624
High Efficiency N-channel Switching Regulator Controller
VOUT = 1.19V to 30V in Stepdown; VIN = 3.5V to 36V
SO-8 Package
LT1949
600kHz, 1A Switch PWM DC/DC Converter
1.1A, 0.5
Ω/30V Internal Switch, VIN as Low as 1.5V
RELATED PARTS
SW
L1
10
µH
D1
C1
1
µF
VIN
CAP
LT1306
R3
75k
R2
249k
R1
768k
CZ
15nF
CIN2
0.1
µF
CERAMIC
CIN1
22
µF
3.6V
TO 6.5V
CP
22pF
CO2
1
µF
CERAMIC
CIN1: AVX TAJC226M010
CO1: AVX TPSE227M010R0100
C1: AVX TAJA105K020
D1: MMBD914LT1
L1: CTX10-3
1306 F09
5V
1A
OUT
S/S
FB
VC
GND
+
CO1
220
µF
+
LOAD CURRENT (mA)
1
60
80
85
90
10
100
1000 2000
1306 F10a
75
70
65
VIN = 4.8V
VIN = 3.6V
VIN = 6V
VO = 5V
L1 = 10
µH
TYPICAL APPLICATIO S
4-Cell NiMH to 5V Output
Efficiency
Transient Response with Step Input (4V to 6V)
0.5ms/DIV
VIN
5V/DIV
VSW
5V/DIV
VO
0.1V/DIV
AC
IL
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com