Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1311 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1311
Description  Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1311 Datasheet(HTML) 5 Page - Linear Technology

  LT1311 Datasheet HTML 1Page - Linear Technology LT1311 Datasheet HTML 2Page - Linear Technology LT1311 Datasheet HTML 3Page - Linear Technology LT1311 Datasheet HTML 4Page - Linear Technology LT1311 Datasheet HTML 5Page - Linear Technology LT1311 Datasheet HTML 6Page - Linear Technology LT1311 Datasheet HTML 7Page - Linear Technology LT1311 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1311
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5V
AV = –1
RL = 2k
1311 G16
VS = ±15V
AV = –1
RL = 2k
1311 G17
Small-Signal Response
Large-Signal Response
SI
PLIFIED SCHE ATIC
R1
1k
R2
2k
R3
2k
R4
2k
Q1
Q3
Q4
Q5
R5
1k
R6
4.5k
R11
1k
R12
2k
R13
2k
R14
2k
R15
1k
R16
4.5k
R9
1.5k
R10
1.5k
R22
10
Ω
R23
10
Ω
R20
1.5k
R19
1.5k
VCC
OUT
VEE
Q13
Q14
Q15
RFB
20k
C1
5pF
CC
2pF
C2
5pF
IN
BIAS
IBIAS
PTAT
Q28
Q33
Q44
Q41
Q39
Q40
Q17
1311 SS
Q12
Q16
Q38
Q37
Q35
Q36
Q21
Q19
Q22
Q18
Q20
Q6
Q23
Q26
Q24
Q25
Q29
Q32
Q42
Q27
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com