Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1312 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 1 Page - Linear Technology

  LT1312 Datasheet HTML 1Page - Linear Technology LT1312 Datasheet HTML 2Page - Linear Technology LT1312 Datasheet HTML 3Page - Linear Technology LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1312
FEATURES
DESCRIPTION
Single PCMCIA
VPP Driver/Regulator
s
Digital Selection of 0V, VCC, 12V or Hi-Z
s
120mA Output Current Capability
s
Internal Current Limiting and Thermal Shutdown
s
Automatic Switching from 3.3V to 5V
s
Powered from Unregulated 13V to 20V Supply
s
Logic Compatible with Standard PCMCIA Controllers
s
1
µF Output Capacitor
s
30
µA Quiescent Current in Hi-Z or 0V Mode
s
VPP Valid Status Feedback Signal
s
No VPP Overshoot
s
8-Pin SO Packaging
The LT
® 1312 is a member of Linear Technology
Corporation’s family of PCMCIA drivers/regulators. The
LT1312 provides 0V, 3.3V, 5V, 12V and Hi-Z regulated
power to the VPP pin of a PCMCIA card slot from a single
unregulated 13V to 20V supply. When used in conjunction
with a PC card interface controller, the LT1312 forms a
complete minimum component-count interface for palm-
top, pen-based and notebook computers. The VPP output
voltage is selected by two logic compatible digital inputs
which interface directly with industry standard PC card
interface controllers.
Automatic 3.3V to 5V switching is provided by an internal
comparator which continuously monitors the PC card VCC
supply and automatically adjusts the regulated VPP out-
put to match VCC when the VPP = VCC mode is selected.
An open-collector VPP VALID output is driven low when
VPP is in regulation at 12V.
The LT1312 is available in an 8-pin SO package.
APPLICATIONS
s
Notebook Computers
s
Palmtop Computers
s
Pen-Based Computers
s
Handi-Terminals
s
Bar-Code Readers
s
Flash Memory Programming
VS
13V TO 20V
3.3V OR 5V
EN0
COUT
1
µF
TANTALUM
VPPOUT
VPP1
VPP2
PCMCIA
CARD SLOT
VCC
LT1312
EN1
VALID
SENSE
GND
LT1312 TA1
PCMCIA
CARD SLOT
CONTROLLER
+
TYPICAL APPLICATION
Typical PCMCIA Single Slot VPP Driver
LT1312 TRUTH TABLE
EN0
EN1
SENSE
VPPOUT
VALID
00
X
0V
1
1
0
X
12V
0
0
1
3.0V TO 3.6V
3.3V
1
0
1
4.5V TO 5.5V
5V
1
1
1
X
Hi-Z
1
X = DON’T CARE
Linear Technology PCMCIA Product Family
DEVICE
DESCRIPTION
PACKAGE
LT1312
SINGLE PCMCIA VPP DRIVER/REGULATOR
8-PIN SO
LT1313
DUAL PCMCIA VPP DRIVER/REGULATOR
16-PIN SO*
LTC
®1314 SINGLE PCMCIA SWITCH MATRIX
14-PIN SO
LTC1315
DUAL PCMCIA SWITCH MATRIX
24-PIN SSOP
LTC1470
PROTECTED VCC 5V/3.3V SWITCH MATRIX
8-PIN SO
LTC1472
PROTECTED VCC AND VPP SWITCH MATRIX 16-PIN SO*
*NARROW BODY
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1312

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1312 LINER-LT1312 Datasheet
240Kb / 12P
Single PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
Single PCMCIA VPP Driver/Regulator
More results

Similar Description - LT1312

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313 Datasheet
252Kb / 12P
Dual PCMCIA VPP Driver/Regulator
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
LT1313 LINER-LT1313_15 Datasheet
229Kb / 12P
Dual PCMCIA VPP Driver/Regulator
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
Single PCMCIA VPP Driver/Regulator
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com