Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1316 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1316
Description  Micropower DC/DC Converter with Programmable Peak Current Limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1316 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1316 Datasheet HTML 6Page - Linear Technology LT1316 Datasheet HTML 7Page - Linear Technology LT1316 Datasheet HTML 8Page - Linear Technology LT1316 Datasheet HTML 9Page - Linear Technology LT1316 Datasheet HTML 10Page - Linear Technology LT1316 Datasheet HTML 11Page - Linear Technology LT1316 Datasheet HTML 12Page - Linear Technology LT1316 Datasheet HTML 13Page - Linear Technology LT1316 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1316
APPLICATIONS INFORMATION
VOUT
100mV/DIV
AC COUPLED
IL
100mA/DIV
100
µs/DIV
1316 F07
Figure 7. Switching Waveforms for the Circuit
Shown in Figure 7 Without C1. The Output Ripple
Voltage is Approximately 140mVP-P
50
µs/DIV
1316 F08
Figure 8. By Adding C1, Output Ripple Voltage
is Reduced to Less Than 80mVP-P
IL
100mA/DIV
VOUT
100mV/DIV
AC COUPLED
1
µF ceramic capacitor acts to smooth voltage spikes at
switch turn-on and turn-off. If the power source is far away
from the IC, inductance in the power source leads results
in high impedance at high frequency. A local high capaci-
tance bypass is then required to restore low impedance at
the IC.
Low-Battery Detector
The LT1316 contains an independent low-battery detector
that remains active when the device is shut down. This
detector, actually a hysteretic comparator, has an open
collector output that can sink up to 500
µA. The compara-
tor also operates below the switcher’s undervoltage lock-
out threshold, operating until VIN reaches approximately
1.4V.
Layout/Input Bypassing
The LT1316’s high speed switching mandates careful
attention to PC board layout. Suggested component place-
ment is shown in Figure 9. The input supply must have low
impedance at AC and the input capacitor should be placed
as indicated in the figure. The value of this capacitor
depends on how close the input supply is to the IC. In
situations where the input supply is more than a few
inches away from the IC, a 47
µF to 100µF solid tantalum
bypass capacitor is required. If the input supply is close to
the IC, a 1
µF ceramic capacitor can be used instead. The
LT1316 switches current in pulses up to 0.5A, so a low
impedance supply must be available. If the power source
(for example, a 2 AA cell battery) is within 1 or 2 inches of
the IC, the battery itself provides bulk capacitance and the
1316 F09
8
7
6
5
4
3
2
1
LT1316
COUT
RSET
VIN
GND
VOUT
L
D
CIN
Figure 9. Suggested PC Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com