Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF3045CT-Y Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF3045CT-Y
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF3045CT-Y Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF3045CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF3045CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF3045CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF3045CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
45
60
80
100
150
200
V
VRMS
31
42
56
70
105
140
V
VDC
45
60
80
100
150
200
V
IF(AV)
A
IRRM
A
0.70
0.78
0.60
0.68
0.82
0.90
0.73
0.78
40
15
dV/dt
V/μs
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411035
Version: D14
0.94
0.82
10
MBRF
3080CT
0.5
MBRF
30150CT
0.95
ITO-220AB
MBRF3045CT-Y thru MBRF30200CT-Y
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MBRF
30100
CT-Y
MBRF
30200
CT-Y
UNIT
MBRF
3080
CT-Y
MBRF
30150
CT-Y
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
Mounting torque:
0.56 Nm max.
Weight:
1.7 g (approximately)
30
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
Peak repetitive reverse surge current (Note 1)
IFSM
200
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
MBRF
3045
CT-Y
MBRF
3060
CT-Y
A
IFRM
30
Maximum repetitive peak reverse voltage
Maximum RMS voltage
V
1.05
0.92
Maximum instantaneous forward voltage (Note 2)
IF=15A, TJ=25°C
IF=15A, TJ=125°C
IF=30A, TJ=25°C
IF=30A, TJ=125°C
0.80
Marking code
MBRF
3045CT
MBRF
3060CT
MBRF
30100CT
MBRF
30200CT
1
Maximum DC blocking voltage
Maximum average forward rectified current
Note 2: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
4
Operating junction temperature range
- 55 to +150
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
mA
Voltage rate of change (Rated VR)
VF
0.85
0.72
Storage temperature range
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
10000
Maximum reverse current @ rated VR
TJ=25 °C
TJ=125 °C
IR
0.2


Similar Part No. - MBRF3045CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF3045CT-E3 VISHAY-MBRF3045CT-E3 Datasheet
153Kb / 5P
Dual Common Cathode Schottky Rectifier
08-Nov-16
MBRF3045CT-E3/45 VISHAY-MBRF3045CT-E3/45 Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Diodes Incorporated
MBRF3045CT-LJ DIODES-MBRF3045CT-LJ Datasheet
491Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 4
More results

Similar Description - MBRF3045CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com