Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1317 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1317
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1317 Datasheet HTML 2Page - Linear Technology LT1317 Datasheet HTML 3Page - Linear Technology LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology LT1317 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1317/LT1317B
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation (LT1317)
VIN = 1.5V
ILOAD 25mA/DIV
1317 TPC19
VOUT = 5V
VOUT
50mV/DIV
DC COUPLED
OFFSET
ADDED
Load Regulation (LT1317)
VIN = 2V
ILOAD 25mA/DIV
1317 TPC20
VOUT = 5V
VOUT
50mV/DIV
DC COUPLED
OFFSET
ADDED
Load Regulation (LT1317)
VIN = 2.5V
ILOAD 50mA/DIV
1317 TPC21
VOUT = 5V
VOUT
50mV/DIV
DC COUPLED
OFFSET
ADDED
Load Regulation (LT1317)
VIN = 1.5V
ILOAD 25mA/DIV
1317 TPC22
VOUT = 3.3V
Load Regulation (LT1317)
VIN = 2V
ILOAD 50mA/DIV
1317 TPC23
VOUT = 3.3V
Load Regulation (LT1317)
VIN = 2.5V
ILOAD 50mA/DIV
1317 TPC24
VOUT = 3.3V
VOUT
50mV/DIV
DC COUPLED
OFFSET
ADDED
VOUT
50mV/DIV
DC COUPLED
OFFSET
ADDED
VOUT
50mV/DIV
DC COUPLED
OFFSET
ADDED
Note: For load regulation pictures, double lines are due to
output capacitor ESR.
VC (Pin 1): Compensation Pin for Error Amplifier. Con-
nect a series RC network from this pin to ground. Typical
values for compensation are a 33k/3.3nF combination. A
100pF capacitor from the VC pin to ground is optional and
improves noise immunity. Minimize trace area at VC.
FB (Pin 2): Feedback Pin. Reference voltage is 1.24V.
Connect resistor divider tap here. Minimize trace area at
FB. Set VOUT according to: VOUT = 1.24V(1 + R1/R2).
SHDN (Pin 3): Shutdown. Pull this pin low for shutdown
mode (only the low-battery detector remains active).
Leave this pin floating or tie to a voltage between 1.4V and
6V to enable the device. SHDN pin is logic level and need
only meet the logic specification (1.4V for high, 0.4V for
low).
PIN FUNCTIONS
GND (Pin 4): Ground. Connect directly to local ground
plane.
SW (Pin 5): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
VIN (Pin 6): Supply Pin. Must be bypassed close to the
pin.
LBI (Pin 7): Low-Battery Detector Input. 200mV refer-
ence. Voltage on LBI must stay between ground and
700mV. Low-battery detector remains active in shutdown
mode.
LBO (Pin 8): Low-Battery Detector Output. Open collec-
tor, can sink 10
µA. A 1MΩ pull-up is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com