Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1805CS#PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT1805CS#PBF
Description  Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1805CS#PBF Datasheet(HTML) 4 Page - Linear Technology

  LT1805CS#PBF Datasheet HTML 1Page - Linear Technology LT1805CS#PBF Datasheet HTML 2Page - Linear Technology LT1805CS#PBF Datasheet HTML 3Page - Linear Technology LT1805CS#PBF Datasheet HTML 4Page - Linear Technology LT1805CS#PBF Datasheet HTML 5Page - Linear Technology LT1805CS#PBF Datasheet HTML 6Page - Linear Technology LT1805CS#PBF Datasheet HTML 7Page - Linear Technology LT1805CS#PBF Datasheet HTML 8Page - Linear Technology LT1805CS#PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1803/LT1804/LT1805
180345f
The q denotes specifications which apply over the 0
°C ≤ TA ≤ 70°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
q
0.50
3.5
mV
VCM = 0V (DD Package)
q
1.25
5
mV
VCM = 0V (SOT-23 Package)
q
1.25
6
mV
VCM = VS
q
1.60
8.5
mV
∆VOS
Input Offset Shift
VCM = 0V to VS – 2V
q
0.05
0.8
mV
Input Offset Voltage Match
VCM = 0V
q
0.75
5.5
mV
(Channel-to-Channel) (Note 9)
VCM = 0V (DD Package)
q
1.50
7.5
mV
VOS TC
Input Offset Voltage Drift (Note 8)
q
10
35
µV/°C
IB
Input Bias Current
VCM = 1V
q
150
1100
nA
VCM = VS – 0.2V
q
3.2
6
µA
Input Bias Current Match
VCM = 1V
q
120
1500
nA
(Channel-to-Channel) (Note 9)
VCM = VS – 0.2V
q
120
1800
nA
IOS
Input Offset Current
VCM = 1V
q
100
1400
nA
VCM = VS – 0.2V
q
50
1400
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
q
15
50
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
q
1.4
3.7
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL=1k to VS/2
q
10
40
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3V
q
71
95
dB
VS = 3V, VCM = 0V to 1V
q
61
90
dB
CMRR Match (Channel-to-Channel) (Note 9) VS = 5V, VCM = 0V to 3V
q
65
90
dB
VS = 3V, VCM = 0V to 1V
q
55
85
dB
Input Common Mode Range
q
0VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
65
87
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS = 2.5V to 10V, VCM = 0V
q
59
87
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
q
19
80
mV
ISINK = 5mA
q
100
225
mV
ISINK = 15mA
q
200
450
mV
VOH
Output Voltage Swing High (Note 7)
No Load
q
19
80
mV
ISOURCE = 5mA
q
150
350
mV
ISOURCE = 15mA
q
450
900
mV
ISC
Short-Circuit Current (Note 3)
VS = 5V
q
17
40
mA
VS = 3V
q
15
28
mA
IS
Supply Current per Amplifier
q
3
3.75
mA
GBW
Gain Bandwidth Product
VS = 5V, Frequency = 2MHz, RL = 1k to 2.5V
q
45
82
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k to VS/2, VO = 0.5V to 4.5V q
45
93
V/
µs
Measured at VO = 1.5V, 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com