Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1328 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1328
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328 Datasheet(HTML) 3 Page - Linear Technology

  LT1328 Datasheet HTML 1Page - Linear Technology LT1328 Datasheet HTML 2Page - Linear Technology LT1328 Datasheet HTML 3Page - Linear Technology LT1328 Datasheet HTML 4Page - Linear Technology LT1328 Datasheet HTML 5Page - Linear Technology LT1328 Datasheet HTML 6Page - Linear Technology LT1328 Datasheet HTML 7Page - Linear Technology LT1328 Datasheet HTML 8Page - Linear Technology LT1328 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1328
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
2
3
8
1328 G01
1
0
2
4
5
10
4
6
1
3
9
7
IPIN1 = 0nA
VPIN7 = 0V
TA = 25°C
Supply Current vs Supply Voltage
INPUT CURRENT (
µA)
0.1
100
150
1000
1328 G03
50
0
1
10
100
10000
200
VS = 5V
VFILT = 10nF
VBIAS = 1000pF
FOR INPUT PULSE WIDTHS
OF 8.6
µs TO 0.22µs
PULSE PERIOD = 8.7
µs
SUPPLY VOLTAGE (V)
0
0
2
8
1328 G02
–2
–4
2
4
5
10
4
6
1
3
9
7
IPIN1 = 0nA
TA = 25°C
Change in Voltage on Pin 1
vs Supply Voltage
Change in Output Pulse Width
vs Input Current Amplitude
INPUT DUTY CYCLE (%)
1
100
150
100
1328 G04
50
0
3
10
30
200
250
VS = 5V
VFILT = 10nF
VBIAS = 1000pF
PULSE PERIOD = 8.7
µs
IPIN1 = 150nA TO 3mA
IPIN1 > 3mA TO 10mA
Change in Output Pulse Width
vs Input Duty Cycle
CURRENT (PIN 1) (
µA)
0.1
–40
–30
–20
–10
0
10
1
10
100
1000
1328 G05
10000 100000
CURRENT SINKING
FROM PIN 1
CURRENT SOURCING
FROM PIN 1
VS = 5V
TA = 25°C
Change in Voltage on Pin 1
vs Current
Change in Voltage on Pin 2
vs Current
Peak Interfering Current
vs Frequency
CURRENT (PIN 1) (
µA)
0.1
– 0.5
0
0.5
1.0
1.5
2.0
1
10
100
1000
1328 G06
10000 100000
VS = 5V
TA = 25°C
SOURCING
CURRENT
SINKING
CURRENT
FREQUENCY (kHz)
0.01
10
100
100
1328 G07
1
0.1
0.1
1
10
1000
1000
AREA OF
SIGNAL
REJECTION
CFILT = 10nF
CFILT = 330pF
VS = 5V
CBIAS = 1000pF
CURRENT IS
SOURCED
OUT OF PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com