Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1328CMS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1328CMS8
Description  4Mbps IrDA Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1328CMS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1328CMS8 Datasheet HTML 4Page - Linear Technology LT1328CMS8 Datasheet HTML 5Page - Linear Technology LT1328CMS8 Datasheet HTML 6Page - Linear Technology LT1328CMS8 Datasheet HTML 7Page - Linear Technology LT1328CMS8 Datasheet HTML 8Page - Linear Technology LT1328CMS8 Datasheet HTML 9Page - Linear Technology LT1328CMS8 Datasheet HTML 10Page - Linear Technology LT1328CMS8 Datasheet HTML 11Page - Linear Technology LT1328CMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1328
1328f LT/TP 0597 7K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATIONS N
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1016
UltraFast
TM Precision Comparator
10ns Prop Delay
LT1116
Single Supply, Ground Sensing Comparator
12ns Prop Delay
LT1319
Multiple Modulation Standard Infrared Receiver
Supports IrDA, SIR and FIR, Sharp/Newton and TV Remote
LT1361
Dual 4mA, 50MHz, 800V/
µs Op Amp
C-Load
TM Op Amp Stable with All Capacitive Loads
UltraFast and C-Load are trademarks of Linear Technology Corporation.
IrDA Transmitter
R3
3.9
Ω
1/2W
C5
4.7
µF
R2
10k
5%
R1
100
Ω
5%
D2
HSDL-4220*
Q1
2N7002
E5 GND
*HEWLETT PACKARD
E6 TRANS
VCC
1328 TA04
1
2
3
4
8
7
6
5
IN
FILTER
GND
SHDN
MODE
VCC
DATA
C1
10nF
C6
1000pF
LT1328
1328 TA03
C4
330pF
C2
4.7
µF
D1
BPV22NF*
FILTER
SWITCH
E3 VCC
E2 MODE
E4 DATA
*TEMIC
E1 GND
VCC
12
JP1
3
IrDA Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com