Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR760 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR760
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR760 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR760 Datasheet HTML 1Page - Vishay Siliconix MBR760 Datasheet HTML 2Page - Vishay Siliconix MBR760 Datasheet HTML 3Page - Vishay Siliconix MBR760 Datasheet HTML 4Page - Vishay Siliconix MBR760 Datasheet HTML 5Page - Vishay Siliconix MBR760 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR(F,B)735 thru MBR(F,B)760
Vishay General Semiconductor
Document Number: 88680
Revision: 08-Nov-07
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0.01
0.1
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0
1
10
100
Instantaneous Forward Voltage (V)
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 125 °C
T
J = 25 °C
MBR735 - MBR745
MBR750 & MBR760
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
MBR735 - MBR745
MBR750 & MBR760
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
0.1
1
10
100
10
100
1000
10000
MBR735 - MBR745
MBR750 & MBR760
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
0.01
0.1
1
10
100
0.1
1
10
100
t - Pulse Duration (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com