Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRI20100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRI20100CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRI20100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRI20100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRI20100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRI20100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRI20100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1310018
Version: E13
Note 1: Pulse test with PW=300μs, 1% duty cycle
MBRI20100CT
100
70
100
0.85
0.75
0.95
0.85
5
Typical thermal resistance
2
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
mA
Voltage rate of change (Rated VR)
10000
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
0.1
V
Maximum instantaneous forward voltage (Note 2)
IF= 10 A, TJ=25℃
IF= 10 A, TJ=125℃
IF= 20 A, TJ=25℃
IF= 20 A, TJ=125℃
VF
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum DC blocking voltage
Maximum average forward rectified current
20
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
I
2PAK
MECHANICAL DATA
Case:
I
2PAK
Polarity:
As marked
MBRI20100CT
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Taiwan Semiconductor


Similar Part No. - MBRI20100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRI20100CT TSC-MBRI20100CT Datasheet
142Kb / 2P
20.0Amps Surface Mount Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT Datasheet
267Kb / 3P
20.0AMPS Schottky Barrier Rectifier High Surge capability
MBRI20100CT TSC-MBRI20100CT_11 Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT_13 Datasheet
267Kb / 3P
20.0AMPS Schottky Barrier Rectifier High Surge capability
More results

Similar Description - MBRI20100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com