Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D75112CW Datasheet(PDF) 1 Page - NEC

Part # D75112CW
Description  4-Bit Single Chip-Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D75112CW Datasheet(HTML) 1 Page - NEC

  D75112CW Datasheet HTML 1Page - NEC D75112CW Datasheet HTML 2Page - NEC D75112CW Datasheet HTML 3Page - NEC D75112CW Datasheet HTML 4Page - NEC D75112CW Datasheet HTML 5Page - NEC D75112CW Datasheet HTML 6Page - NEC D75112CW Datasheet HTML 7Page - NEC D75112CW Datasheet HTML 8Page - NEC D75112CW Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Description
The
µPD75116(A) is one of the 4-bit single-chip micro-
computer 75X series.
The
µPD75116(A) is a product with the extended ROM
capacity of the
µPD75108(A). In addition of high-speed
operations, it can manipulate data in units of 1, 4 and 8
bits. In particular, the I/O operation of the
µPD75116
have been improved by a wide variety of bit control
instructions. The
µPD75116 is provided with interface
inputs/outputs with peripheral circuits having different
power voltages, and analog inputs and suitable for
controlling automobile electrical equipment, etc. For
the
µPD75116(A), an on-chip pin-compatible one-time
PROM product (
µPD75P116) is separately available for
system development evaluation.
Functions are described in detail in the following User’s
Manual, which should be read when carrying out
design work.
µPD751×× Series User’s Manual: IEM-992
Features
• Higher reliability than
µPD75116
• Architecture "75X" equivalent to 8-bit microcomputer
• Minimum instruction execution time (high-speed
operation): 0.95
µs (when operated at 4.19 MHz and
5 V)
• Instructionexecutionvariablefunction: 0.95
µs/1.91µs/
15.3
µs (when operated at 4.19 MHz)
• Many input/output ports: 58
• 3-channel on-chip 8-bit timers
• 8-bit on-chip serial interface
• Multi-interruptible vector interrupt function
Applications
Automobile electrical equipment, etc.
Data Sheet
µPD75112(A), 75116(A)
4-Bit Single Chip-Microcomputer
©NEC Corporation 1990
Qualty Grade
Special
Special
Special
Special
Package
64-pin plastic shrink DIP
(750 mil)
64-pin plastic QFP
(14
× 20 mm)
64-pin plastic shrink DIP
(750 mil)
64-pin plastic QFP
(14
× 20 mm)
Ordering Code
µPD75112CW(A)-
×××
µPD75112GF(A)-
×××-3BE
µPD75116CW(A)-
×××
µPD75116GF(A)-
×××-3BE
Remarks:
××× is a ROM code number.
Please refer to "Quality Grade on NEC Semicon-
ductor Devices" (Document number IEI-1209) pub-
lished by NEC Corporation to know the specifica-
tion of quality grade on the devices and its recom-
mended applications.
Unless there are any particular functional differences,
the
µPD75116(A) is described in this document as a
representative product.
The information in this document is subject to change without notice.
The mark
5 shows major revised points.
Document No. IC-2811A
(O. D. No. IC-8261A)
Date Published March 1994 P
Printed in Japan


Similar Part No. - D75112CW

ManufacturerPart #DatasheetDescription
logo
NEC
D75106CW NEC-D75106CW Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
D75108CW NEC-D75108CW Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
D7516HG NEC-D7516HG Datasheet
1Mb / 23P
4-BIT, SINGLE-CHIP CMOS MICROCOMPUTER WITH FIP CONTROLLER/DRIVER
More results

Similar Description - D75112CW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com