Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1317BCS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1317BCS8
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317BCS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1317BCS8 Datasheet HTML 8Page - Linear Technology LT1317BCS8 Datasheet HTML 9Page - Linear Technology LT1317BCS8 Datasheet HTML 10Page - Linear Technology LT1317BCS8 Datasheet HTML 11Page - Linear Technology LT1317BCS8 Datasheet HTML 12Page - Linear Technology LT1317BCS8 Datasheet HTML 13Page - Linear Technology LT1317BCS8 Datasheet HTML 14Page - Linear Technology LT1317BCS8 Datasheet HTML 15Page - Linear Technology LT1317BCS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1317/LT1317B
©LINEAR TECHNOLOGY CORPORATION 1998
13177bf LT/TP 1198 4K • PRINTED IN THE USA
TYPICAL APPLICATION
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
Digital Camera Power Supply
24V
SHUTDOWN
VIN
SW
FB
LT1317
LPRI:15µH
LA
LB
LC
7
8
5
6
3
4
2
1
D1
10k
604k
1M
10k
3300pF
1317 TA10
C1, C4: AVX TPSC226M016
C2: AVX TPSC106M006
C3: CERAMIC (i.e. AVX, MANY OTHERS)
C5: SANYO 35CV10GX
D1, D2: MBR0520LT1 (MOTOROLA) OR EQUIVALENT
D3: MMBD914LT1 (MOTOROLA) OR EQUIVALENT
T1: COILTRONICS CTX02-14272-X1
VC
GND
3.3V
150mA
5V
20mA
18V
3mA
C1
22
µF
10V
4 AA
CELLS
(3.2V TO
6.5V)
C3
1
µF, 16V
+
SHDN
C2
100
µF
6V
+
D2
C4
22
µF
10V
+
D3
T1
C5
10
µF
35V
+
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1163
Triple High Side Driver for 2-Cell Inputs
1.8V Minimum Input, Drives N-Channel MOSFETs
LTC1174
Micropower Step-Down DC/DC Converter
94% Efficiency, 130
µA IQ, 9V to 5V at 300mA
LT1302
High Output Current Micropower DC/DC Converter
5V/600mA from 2V, 2A Internal Switch, 200
µA IQ
LT1304
2-Cell Micropower DC/DC Converter
Low-Battery Detector Active in Shutdown
LT1307
Single Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from 1 Cell, MSOP Package
LTC1440/1/2
Ultralow Power Single/Dual Comparators with Reference
2.8
µA IQ, Adjustable Hysteresis
LTC1516
2-Cell to 5V Regulated Charge Pump
12
µA IQ, No Inductors, 5V at 50mA from 3V Input
LT1521
Micropower Low Dropout Linear Regulator
500mV Dropout, 300mA Current, 12
µA IQ
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com