Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1336 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1336
Description  Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1336 Datasheet(HTML) 5 Page - Linear Technology

  LT1336 Datasheet HTML 1Page - Linear Technology LT1336 Datasheet HTML 2Page - Linear Technology LT1336 Datasheet HTML 3Page - Linear Technology LT1336 Datasheet HTML 4Page - Linear Technology LT1336 Datasheet HTML 5Page - Linear Technology LT1336 Datasheet HTML 6Page - Linear Technology LT1336 Datasheet HTML 7Page - Linear Technology LT1336 Datasheet HTML 8Page - Linear Technology LT1336 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1336
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
100
400
350
300
250
200
150
100
1336 G14
0
–25
25
50
75
125
BOTTOM DRIVER
TOP DRIVER
V+ = 12V
CLOAD = 3000pF
Turn-On Delay Time
vs Temperature
Top Gate Rise Time
vs Temperature
TEMPERATURE (
°C)
–50
100
230
210
190
170
150
130
110
90
70
50
1336 G10
0
–25
25
50
75
125
CLOAD = 10000pF
CLOAD = 3000pF
CLOAD = 1000pF
V+ = 12V
TEMPERATURE (
°C)
–50
100
210
190
170
150
130
110
90
70
50
30
1336 G11
0
–25
25
50
75
125
CLOAD = 10000pF
CLOAD = 3000pF
V+ = 12V
CLOAD = 1000pF
Bottom Gate Fall Time
vs Temperature
INPUT VOLTAGE (V)
4
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
8
9
1336 G09
56
7
10
11
12
V+ = 12V
Top or Bottom Input Pin Current
vs Input Voltage
Bottom Gate Rise Time
vs Temperature
Top Gate Fall Time
vs Temperature
TEMPERATURE (
°C)
–50
100
1336 G13
050
180
160
140
120
100
80
60
40
20
–25
25
75
125
CLOAD = 10000pF
CLOAD = 3000pF
V+ = 12V
CLOAD = 1000pF
TEMPERATURE (
°C)
–50
100
300
280
260
240
220
200
180
160
140
120
100
80
1336 G12
0
–25
25
50
75
125
CLOAD = 10000pF
CLOAD = 3000pF
V+ = 12V
CLOAD = 1000pF
TEMPERATURE (
°C)
–50
100
400
350
300
250
200
150
100
1336 G15
0
–25
25
50
75
125
BOTTOM DRIVER
TOP DRIVER
V+ = 12V
CLOAD = 3000pF
Turn-Off Delay Time
vs Temperature
TEMPERATURE (
°C)
–50
100
400
350
300
250
200
150
100
1336 G16
0
–25
25
50
75
125
BOTTOM DRIVER
TOP DRIVER
V+ = 12V
CLOAD = 3000pF
Lockout Delay Time
vs Temperature
TEMPERATURE (
°C)
–50
100
400
350
300
250
200
150
100
1336 G17
0
–25
25
50
75
125
BOTTOM DRIVER
TOP DRIVER
V+ = 12V
CLOAD = 3000pF
Release Delay Time
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com