Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1332CG Datasheet(PDF) 5 Page - Linear Technology

Part # LT1332CG
Description  Wide Supply Range Low Power RS232 Transceiver with 12V VPP Output for Flash Memory
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1332CG Datasheet(HTML) 5 Page - Linear Technology

  LT1332CG Datasheet HTML 1Page - Linear Technology LT1332CG Datasheet HTML 2Page - Linear Technology LT1332CG Datasheet HTML 3Page - Linear Technology LT1332CG Datasheet HTML 4Page - Linear Technology LT1332CG Datasheet HTML 5Page - Linear Technology LT1332CG Datasheet HTML 6Page - Linear Technology LT1332CG Datasheet HTML 7Page - Linear Technology LT1332CG Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1332
TYPICAL PERFOR A CE CHARACTERISTICS
Receiver Input Thresholds
vs Supply Voltage
SUPPLY VOLTAGE (V)
2.0
3
4
5
3.5
4.5
6.0
LT1332 • TPC10
2
1
0
2.5
3.0
4.0
5.0
5.5
VTH HIGH
VTH LOW
TEMPERATURE (°C)
–50
1.5
2.0
2.5
25
75
150
LT1332 • TPC11
1.0
0.5
0
–25
0
50
100 125
VTH HIGH
VTH LOW
VCC = 3V
Receiver Input Thresholds
vs Temperature
SUPPLY VOLTAGE (V)
2.0
0
0.1
0.2
0.3
0.4
3.0
4.0
5.0
6.0
LT1332 • TPC12
0.5
0.6
2.5
3.5
4.5
5.5
RECEIVER
OUTPUT LOW
SINKING 500
µA
RECEIVER
OUTPUT LOW
SINKING 250
µA
RECEIVER
OUTPUT HIGH
(VCC – VOUT)
SOURCING
Receiver Output Voltage
vs Supply Voltage
PI FU CTIO S
V+: Positive Supply Input (RS232 Drivers). V+ should
be greater than 6.5V and less than 13.2V to assure valid
RS232 output signals. An additional decoupling ca-
pacitor may be required if the V + generator is located far
away from the LT1332.
V–: Negative Supply Pin (RS232 Drivers). This pin re-
quires an external capacitor. When the device is powered
from a switching regulator, the filter capacitor should be
selected based on the maximum tolerable ripple for the
specified minimum regulator on time. For some low
frequency Burst Mode
TM regulators, the filter capacitor
should be relatively large (C
≥ 10µF). Low ESR tantalum
VCC: Input Supply Pin. VCC can vary from 2V to 6V to
accommodate a wide range of logic levels, yet the system
still responds correctly to RS232 signals. Supply current
drops to 40
µA in the SHUTDOWN mode. This pin should
be decoupled with a 0.1
µF ceramic capacitor.
GND: Ground Pins. Pins 13 and 23 (S Package) must both
be grounded for proper operation.
ON/OFF: Controls the operation mode of the device and
is CMOS compatible. A logic low puts the device in the
SHUTDOWN mode which reduces input supply current
to 40
µA and places all of the drivers and four of the
receivers in a high impedance state. A logic high fully
enables the device.
Burst ModeTM is a trademark of Linear Technology Corporation
Receiver Output Waveforms
LT1332 • TPC13
INPUT
5V/DIV
RX OUTPUT
CL = 50pF
2V/DIV
Driver Output Waveforms
LT1332 • TPC13
INPUT
5V/DIV
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
10V/DIV
DRIVER
OUTPUT
RL = 3k
10V/DIV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com