Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1341 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1341
Description  5V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1341 Datasheet(HTML) 5 Page - Linear Technology

  LT1341 Datasheet HTML 1Page - Linear Technology LT1341 Datasheet HTML 2Page - Linear Technology LT1341 Datasheet HTML 3Page - Linear Technology LT1341 Datasheet HTML 4Page - Linear Technology LT1341 Datasheet HTML 5Page - Linear Technology LT1341 Datasheet HTML 6Page - Linear Technology LT1341 Datasheet HTML 7Page - Linear Technology LT1341 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1341
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Output Waveforms
Receiver Short-Circuit Current
Driver Output Waveforms
LT1341 • TPC12
DRIVER OUTPUT
RL = 3k
CL = 2500pF
INPUT
DRIVER OUTPUT
RL = 3k
PI FU CTIO S
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor close to the package pin.
Insufficient supply bypassing can lead to low output drive
levels and erratic charge pump operation.
GND: Ground Pin.
ON/OFF: A TTL/CMOS logic low puts the device in the low
power shutdown mode. All of the drivers and four receiv-
ers go to a high impedance state. Receiver RX5 remains
active while the transceiver is in shutdown. The trans-
ceiver consumes only 60
µA of supply current while in
shutdown. A logic high fully enables the transceiver.
DRIVER DISABLE: This pin provides an alternate control
for the charge pump and RS232 drivers. A logic high on
this pin shuts down the charge pump and places all drivers
LT1341 • TPC13
Driver Short-Circuit Current
TEMPERATURE (
°C)
–55
20
25
30
25
75
LT1341 • TPC10
15
10
–25
0
50
100
125
5
0
ISC
+
ISC
in a high impedance state. All receivers remain active
under these conditions. Floating the driver disable pin or
driving it to a logic low level fully enables the transceiver.
Supply current drops to 3mA when in driver disable mode.
A logic low on the ON/OFF pin supersedes the state of the
DRIVER DISABLE pin.
V+: Positive Supply Output (RS232 Drivers). V+
≈ 2VCC
1.5V. This pin requires an external charge storage capaci-
tor C
≥ 0.1µF, tied to ground or VCC. Larger value
capacitors may be used to reduce supply ripple. With
multiple transceivers, the V + and V pins may be paral-
leled into common capacitors. For large numbers of
transceivers, increasing the size of the storage capaci-
tors is recommended to reduce ripple.
RX5 OUTPUT
CL = 50pF
RX1 TO RX4
OUTPUT
CL = 50pF
INPUT
TEMPERATURE (
°C)
–55
0
20
50
0
50
75
LT1341 • TPC11
10
40
30
–25
25
100
125
RX5 ISC
+
RX5 ISC
RX1 TO RX4 ISC
+
RX1 TO RX4 ISC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com