Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1341C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1341C
Description  5V RS232 Transceiver with One Receiver Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1341C Datasheet(HTML) 1 Page - Linear Technology

  LT1341C Datasheet HTML 1Page - Linear Technology LT1341C Datasheet HTML 2Page - Linear Technology LT1341C Datasheet HTML 3Page - Linear Technology LT1341C Datasheet HTML 4Page - Linear Technology LT1341C Datasheet HTML 5Page - Linear Technology LT1341C Datasheet HTML 6Page - Linear Technology LT1341C Datasheet HTML 7Page - Linear Technology LT1341C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1341
5V RS232 Transceiver with One
Receiver Active in Shutdown
S
FEATURE
The LT
®1341 is an advanced low power three-driver, five-
receiver RS232 transceiver. Included on the chip is a
shutdown pin for reducing supply current to near zero.
During shutdown one receiver remains active to detect
incoming RS232 signals, for example, to wake up a
system. All other receivers and the drivers assume high
impedance states during shutdown.
The driver disable function provides additional control of
operating mode. When driver disable is high the charge
pump and drivers turn off. Receivers continue to operate
during driver disable.
New ESD structures on the chip allow the LT1341 to
survive multiple
±10kV strikes, eliminating the need for
costly TransZorbs
® on the RS232 line pins.
The LT1341 is fully compliant with all EIA RS232 specifi-
cations and operates in excess of 120kbaud even driving
heavy capacitive loads.
s
One Receiver Remains Active While in Shutdown
s
ESD Protection Over
±10kV
s
Uses Small Capacitors: 0.1
µF, 0.2µF
s
60
µA Supply Current in Shutdown
s
Pin Compatible with LT1137A
s
120kBaud Operation for RL = 3k, CL = 2500pF
s
250kBaud Operation for RL = 3k, CL = 1000pF
s
CMOS Comparable Low Power: 60mW
s
Operates from a Single 5V Supply
s
Easy PC Layout: Flowthrough Architecture
s
Rugged Bipolar Design
s
Outputs Assume a High Impedance State When
Off or Powered Down
s
Absolutely No Latchup
s
Available in SSOP Package
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
TransZorb is a registered trademark of General Instruments, GSI
Output Waveforms
R
LT1341 • TA02
RECEIVER
OUTPUT
CL = 50pF
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
INPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
V+
0.1
µF
2
× 0.1µF
2
× 0.1µF
0.1
µF
GND
DRIVER DISABLE
TO LINE
TO LOGIC
V –
LT1341 • TA01
RX5 OUT (LOW-Q)
RING DETECT IN
µCONTROLLER
OR
µPROCESSOR
SHUTDOWN
CONTROL OUT
LT1341
NC
VCC
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN (LOW-Q)
ON/OFF
NC
s
Notebook Computers
s
Palmtop Computers
S
APPLICATI
APPLICATI
TYPICAL


Similar Part No. - LT1341C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1341 LINER-LT1341 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
More results

Similar Description - LT1341C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1237 LINER-LT1237 Datasheet
175Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1330 LINER-LT1330 Datasheet
248Kb / 8P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
LT1331 LINER-LT1331 Datasheet
245Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1237 LINER-LT1237_15 Datasheet
190Kb / 8P
5V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown
LT1331 LINER-LT1331_15 Datasheet
229Kb / 8P
3V RS562 or 5V/3V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1330 LINER-LT1330_15 Datasheet
169Kb / 10P
5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com