Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1351 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1351
Description  250uA, 3MHz, 200V/us Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1351 Datasheet(HTML) 4 Page - Linear Technology

  LT1351 Datasheet HTML 1Page - Linear Technology LT1351 Datasheet HTML 2Page - Linear Technology LT1351 Datasheet HTML 3Page - Linear Technology LT1351 Datasheet HTML 4Page - Linear Technology LT1351 Datasheet HTML 5Page - Linear Technology LT1351 Datasheet HTML 6Page - Linear Technology LT1351 Datasheet HTML 7Page - Linear Technology LT1351 Datasheet HTML 8Page - Linear Technology LT1351 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1351
0
°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
78
dB
VCM = ±2.5V
±5V
77
dB
VCM = ±0.5V
±2.5V
67
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
89
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 5k
±15V
25
V/mV
VOUT = ±10V, RL = 2k
±15V
20
V/mV
VOUT = ±2.5V, RL = 5k
±5V
20
V/mV
VOUT = ±2 .5V, RL = 2k
±5V
15
V/mV
VOUT = ±2.5V, RL = 1k
±5V
10
V/mV
VOUT = ±1V, RL = 5k
±2.5V
15
V/mV
VOUT
Output Swing
RL = 5k, VIN = ±10mV
±15V
13.4
±V
RL = 2k, VIN = ±10mV
±15V
13.3
±V
RL = 1k, VIN = ±10mV
±15V
12.0
±V
RL = 1k, VIN = ±10mV
±5V
3.4
±V
RL= 500Ω, VIN = ±10mV
±5V
3.3
±V
RL = 5k, VIN = ±10mV
±2.5V
1.2
±V
IOUT
Output Current
VOUT = ±12V
±15V
12.0
mA
VOUT = ±3.3V
±5V
6.6
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
24
mA
SR
Slew Rate
AV = – 1, RL = 5k (Note 3)
±15V
100
V/
µs
±5V
21
V/
µs
GBW
Gain Bandwidth
f = 200kHz, RL = 10k
±15V
1.8
MHz
± 5V
1.6
MHz
ISHDN
Shutdown Input Current
SHDN = VEE + 0.1V
±15V
– 20
µA
SHDN = VCC
±15V
3
µA
IS
Supply Current
±15V
380
µA
±5V
355
µA
SHDN = VEE + 0.1V
±5V
20
µA
ELECTRICAL CHARACTERISTICS
–40
°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted (Note 6).
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
1.0
mV
±5V
1.0
mV
±2.5V
1.2
mV
Input VOS Drift
(Note 5)
±2.5V to ±15V
3
8
µV/°C
IOS
Input Offset Current
±2.5V to ±15V
30
nA
IB
Input Bias Current
±2.5V to ±15V
100
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
76
dB
VCM = ±2.5V
±5V
76
dB
VCM = ±0.5V
±2.5V
66
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
87
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 5k
±15V
20
V/mV
VOUT = ±10V, RL = 2k
±15V
15
V/mV
VOUT = ±2.5V, RL = 5k
±5V
15
V/mV
VOUT = ±2 .5V, RL = 2k
±5V
10
V/mV
VOUT = ±2.5V, RL = 1k
±5V
8
V/mV
VOUT = ±1V, RL = 5k
±2.5V
10
V/mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com