Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1353 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1353
Description  Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1353 Datasheet HTML 4Page - Linear Technology LT1353 Datasheet HTML 5Page - Linear Technology LT1353 Datasheet HTML 6Page - Linear Technology LT1353 Datasheet HTML 7Page - Linear Technology LT1353 Datasheet HTML 8Page - Linear Technology LT1353 Datasheet HTML 9Page - Linear Technology LT1353 Datasheet HTML 10Page - Linear Technology LT1353 Datasheet HTML 11Page - Linear Technology LT1353 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1352/LT1353
SI
PLIFIED SCHE ATIC
R3
R6
R7
RC
R2
R5
R4
Q21
OUTPUT
1352/53 SS
Q22
Q13
Q15
Q18
+IN
–IN
V+
V –
Q12
Q11
Q9
Q17
Q16
Q10
Q14
Q23
C1
C2
CC
CT
Q1
Q2
Q4
Q3
R1
1k
Q8
Q7
Q6
Q5
Q19
Q20
Q24
TYPICAL APPLICATIONS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
–
+
1/2
LT1352
11.3k
5.49k
13.3k
4.64k
4.64k
5.49k
220pF
VOUT
VIN
1352/53 TA04
470pF
2200pF
4700pF
–
+
1/2
LT1352
20kHz, 4th Order Butterworth Filter
–
+
1/2
LT1352
1.5k
10k
10k
1N5712
BPV22NF
VOUT
1352/53 TA05
10nF
10k
10nF
1/2
LT1352
DAC I-to-V Converter
400kHz Photodiode Preamp with 10kHz Highpass Loop
–
+
1/2
LT1352
565A TYPE
12
DAC
INPUTS
5k
5k
10pF
VOUT
1352/53 TA03
VOS + IOS (5kΩ) +
< 0.5LSB
VOUT
AVOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com