Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1354 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1354
Description  12MHz, 400V/us Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1354 Datasheet(HTML) 2 Page - Linear Technology

  LT1354 Datasheet HTML 1Page - Linear Technology LT1354 Datasheet HTML 2Page - Linear Technology LT1354 Datasheet HTML 3Page - Linear Technology LT1354 Datasheet HTML 4Page - Linear Technology LT1354 Datasheet HTML 5Page - Linear Technology LT1354 Datasheet HTML 6Page - Linear Technology LT1354 Datasheet HTML 7Page - Linear Technology LT1354 Datasheet HTML 8Page - Linear Technology LT1354 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1354
Total Supply Voltage (V+ to V–) ............................... 36V
Differential Input Voltage (Transient Only, Note 1) ...
±10V
Input Voltage ............................................................
±VS
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range ................ –40
°C to 85°C
ABSOLUTE MAXIMUM RATINGS
Specified Temperature Range (Note 6) ... –40
°C to 85°C
Maximum Junction Temperature (See Below)
Plastic Package ................................................ 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
0.3
0.8
mV
±5V
0.3
0.8
mV
±2.5V
0.4
1.0
mV
IOS
Input Offset Current
±2.5V to ±15V
20
70
nA
IB
Input Bias Current
±2.5V to ±15V
80
300
nA
en
Input Noise Voltage
f = 10kHz
±2.5V to ±15V
10
nV/
√Hz
in
Input Noise Current
f = 10kHz
±2.5V to ±15V
0.6
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
±15V
70
160
M
Ω
Differential
±15V
11
M
Ω
CIN
Input Capacitance
±15V
3
pF
Input Voltage Range +
±15V
12.0
13.4
V
±5V
2.5
3.5
V
±2.5V
0.5
1.1
V
Input Voltage Range –
±15V
–13.2
–12.0
V
±5V
– 3.4
– 2.5
V
±2.5V
– 0.9
– 0.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
80
97
dB
VCM = ±2.5V
±5V
78
84
dB
VCM = ±0.5V
±2.5V
68
75
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
92
106
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
12
36
V/mV
VOUT = ±10V, RL = 500Ω±15V
5
15
V/mV
VOUT = ±2.5V, RL = 1k
±5V
12
36
V/mV
VOUT = ±2.5V, RL = 500Ω±5V
5
15
V/mV
VOUT = ±2.5V, RL = 150Ω±5V
1
4
V/mV
VOUT = ±1V, RL = 500Ω±2.5V
5
20
V/mV
TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult factory for Industrial and Military grade parts.
PACKAGE/ORDER INFORMATION
8
7
6
5
4
3
2
1
NULL
–IN
+IN
V–
NC
VOUT
V+
NULL
TOP VIEW
N8 PACKAGE, 8-LEAD PLASTIC DIP
8
7
6
5
4
3
2
1
NULL
–IN
+IN
V–
NC
VOUT
V+
NULL
TOP VIEW
S8 PACKAGE, 8-LEAD PLASTIC SOIC
TJMAX = 150°C, θJA = 190°C/ W
TJMAX = 150°C, θJA = 130°C/ W
ORDER PART
NUMBER
ORDER PART
NUMBER
S8 PART MARKING
LT1354CS8
LT1354CN8
1354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com