Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4148CC Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD4148CC
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD4148CC Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMBD4148CC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD4148CC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD4148CC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBD4148CC Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Pb free and RoHS compliant
- Case: SOT- 23 small outline plastic package
- Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed : 260°C/10s
- Weight: 0.008grams (approximately)
SYMBOL
UNIT
PD
mW
VRRM
V
VR
V
IF(AV)
mA
IFRM
mA
at t=1μs
at t=1s
RθJA
oC/W
TJ , TSTG
oC
SYMBOL
UNIT
VF
V
nA
μA
μA
CJ
pF
Reverse Recovery Time
trr
ns
Document Number: DS_S1408006
MMBD4148/CA/CC/SE
Taiwan Semiconductor
Small Signal Product
SMD Switching Diode
FEATURES
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
MECHANICAL DATA
- Fast switching speed
- Surface mount device type
SOT-23
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
A
1
357
Version: B14
100
75
200
700
2
Junction Capacitance
Reverse Leakage Current
Forward Voltage
75
PARAMETER
-55 to +150
IFSM
Power Dissipation
Junction and Storage Temperature Range
Thermal Resistance (Junction to Ambient)
Repetitive Peak Forward Voltage
Average Rectified Forward Current
Reverse Voltage
Repetitive Peak Reverse Voltage
350
MIN
MAX
100
-
V
-
-
-
-
-
-
VR=75V
VR=20V,
TA=150
oC
VR=0 ,
f=1MHz
IF=10mA, VR=6V, IRR=1mA,RL=100Ω
-
1.0
25.0
5.0
50.0
4.0
Reverse Breakdown Voltage
V(BR)
IR
PIN CONFIGURATION
Non-Repetitive Peak Forward Surge Current
4.0
IR=100μA
IR=5μA
IF=10mA
VR=20V


Similar Part No. - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD4148CC FAIRCHILD-MMBD4148CC Datasheet
63Kb / 4P
Small Signal Diode
logo
Micro Commercial Compon...
MMBD4148CC MCC-MMBD4148CC Datasheet
106Kb / 2P
High Conductance Ultra Fast Diode 350mW
logo
Jiangsu Changjiang Elec...
MMBD4148CC JIANGSU-MMBD4148CC Datasheet
130Kb / 2P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
MMBD4148CC TEL-MMBD4148CC Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
MMBD4148CC BILIN-MMBD4148CC Datasheet
197Kb / 3P
Surface mount switching diode
More results

Similar Description - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com