Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2500M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P2500M
Description  25.0 AMPS. Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P2500M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P2500M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P2500M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P2500M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P2500M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Glass passivated chip junction
High current capability, low VF
High reliability
High surge current capability
Low power loss
Mechanical Data
P2500M
P2500
500 / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2TA2S
IR
uA
TSTG
OC
Note 2: Thermal resistance from junction to lead/terminal at a distance 0 mm from case.
Note 3: Mount on Heat sink size of 4in x 6in x 0.25in Al-Plate
Version:A13
OC/W
Storage Temperature Range
- 50 to + 175
Peak Forward Surge Current, 10 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
650
V
- 50 to + 175
≦
200
OC
Typical Thermal Resistance
RθjL
0.8 (Note 2)
Rating for fusing, t<10ms
2100
5
0.87
Note 1: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
52mm
6.0 (Note 3)
A0G
A0
Maximum Reverse Current @ Rated VR TA=25 ℃
A
Maximum Instantaneous Forward Voltage (Note 1)
IF=5A, TA=25℃
VF
25
700
Maximum DC Blocking Voltage
1000
Maximum Average Forward Rectified Current
P2500M
25.0 AMPS. Glass Passivated Rectifier
P2500
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Ordering Information
Operating Junction Temperature Range
- in DC forward mode
TJ
Polarity: Color band denotes cathode
Weight: 1.9 grams
Parameter
Maximum RMS Voltage
Part No.
Package
Packing
INNER
TAPE
P2500M
Maximum Repetitive Peak Reverse Voltage
1000
Solder dip 260℃ max.10s per JESD 22-B106
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Packing code
(Green)
Packing code


Similar Part No. - P2500M

ManufacturerPart #DatasheetDescription
logo
Semikron International
P2500M SEMIKRON-P2500M Datasheet
453Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
P2500M DIOTEC-P2500M Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2500M DIOTEC-P2500M Datasheet
139Kb / 2P
Standard Recovery Rectifier Diodes
logo
Thinki Semiconductor Co...
P2500M THINKISEMI-P2500M Datasheet
1Mb / 2P
THINKISEMI 25.0 Ampere Series Avalanche Rectifier Diode
Edition:2025Q3-V3
logo
Semikron International
P2500MTL SEMIKRON-P2500MTL Datasheet
452Kb / 2P
Standard silicon rectifier diodes
More results

Similar Description - P2500M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS25P01G TSC-TS25P01G Datasheet
48Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_1 Datasheet
115Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_09 Datasheet
338Kb / 2P
Single Phase 25.0 AMPS. Glass Passivated Bridge Rectifiers
TS25P01G TSC-TS25P01G_11 Datasheet
140Kb / 2P
Single Phase 25.0 Amps. Glass Passivated Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
GBU6AL WILLAS-GBU6AL Datasheet
198Kb / 2P
6 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
GBU8AL WILLAS-GBU8AL Datasheet
209Kb / 2P
8 AMPS GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
FG25A01 FCI-FG25A01 Datasheet
192Kb / 2P
25.0 Amps. Glass Passivated Power Rectifiers High reliability
FG2501 FCI-FG2501 Datasheet
231Kb / 2P
25.0 Amps. Glass Passivated Power Rectifiers
logo
DIYI Electronic Technol...
GBPC25005 DYELEC-GBPC25005 Datasheet
2Mb / 2P
SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBPC25005W DYELEC-GBPC25005W Datasheet
2Mb / 2P
SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com