Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1366 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 1 Page - Linear Technology

  LT1366 Datasheet HTML 1Page - Linear Technology LT1366 Datasheet HTML 2Page - Linear Technology LT1366 Datasheet HTML 3Page - Linear Technology LT1366 Datasheet HTML 4Page - Linear Technology LT1366 Datasheet HTML 5Page - Linear Technology LT1366 Datasheet HTML 6Page - Linear Technology LT1366 Datasheet HTML 7Page - Linear Technology LT1366 Datasheet HTML 8Page - Linear Technology LT1366 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1366/LT1367
LT1368/LT1369
Dual and Quad Precision
Rail-to-Rail Input and Output
Op Amps
DESCRIPTION
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Low Input Offset Voltage: 150
µV
s
High Common Mode Rejection Ratio: 90dB
s
High AVOL: >1V/µV Driving 10kΩ Load
s
Low Input Bias Current: 10nA
s
Wide Supply Range: 1.8V to
±15V
s
Low Supply Current: 375
µA per Amplifier
s
High Output Drive: 30mA
s
400kHz Gain-Bandwidth Product
s
Slew Rate: 0.13V/
µs
s
Stable for Capacitive Loads up to 1000pF
The LT
®1366/LT1367/LT1368/LT1369 are dual and quad
bipolar op amps which combine rail-to-rail input and
output operation with precision specifications. These op
amps maintain their characteristics over a supply range of
1.8V to 36V. Operation is specified for 3V, 5V and
±15V
supplies. Input offset voltage is typically 150
µV, with an
open-loop gain AVOL of 1 million while driving a 10k load.
Common mode rejection is typically 90dB over the full rail-
to-rail input range, and supply rejection is 110dB.
The LT1366/LT1367 have conventional compensation
which assures stability for capacitive loads of 1000pF or
less. The LT1368/LT1369 have compensation that
requires a 0.1
µF output capacitor, which improves the
amplifier’s supply rejection and reduces output imped-
ance at high frequencies. The output capacitor’s filtering
action reduces high frequency noise, which is beneficial
when driving A/D converters.
The LT1366/LT1368 are available in plastic 8-pin PDIP and
8-lead SO packages with the standard dual op amp pinout.
The LT1367/LT1369 feature the standard quad pinout,
which is available in a plastic 14-lead SO package. These
devices can be used as plug-in replacements for many
standard op amps to improve input/output range and
precision.
FEATURES
s
Rail-to-Rail Buffer Amplifiers
s
Low Voltage Signal Processing
s
Supply Current Sensing at Either Rail
s
Driving A/D Converters
APPLICATIONS
Positive Supply Rail Current Sense
Output Saturation Voltage vs Load Current
LOAD CURRENT (mA)
0.001
0.1
1
10
1366 TA02
0.01
1000
100
10
1
POSITIVE
RAIL
NEGATIVE
RAIL
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
–
+
1/2 LT1366
R1
200
Ω
1366 TA01
LOAD
ILOAD
Rs
0.2
Ω
R2
20k
Q1
TP0610L
VCC
VO = ILOAD • RS
= ILOAD • 20Ω
( )
–
+
1/2 LT1366
R2
R1


Similar Part No. - LT1366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366 LINEAR-LT1366 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1366CN8 LINER-LT1366CN8 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366CN8-PBF LINER-LT1366CN8-PBF Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366CN8-TRPBF LINER-LT1366CN8-TRPBF Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com