Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1371 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1371
Description  500kHz High Efficiency 3A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1371 Datasheet(HTML) 3 Page - Linear Technology

  LT1371 Datasheet HTML 1Page - Linear Technology LT1371 Datasheet HTML 2Page - Linear Technology LT1371 Datasheet HTML 3Page - Linear Technology LT1371 Datasheet HTML 4Page - Linear Technology LT1371 Datasheet HTML 5Page - Linear Technology LT1371 Datasheet HTML 6Page - Linear Technology LT1371 Datasheet HTML 7Page - Linear Technology LT1371 Datasheet HTML 8Page - Linear Technology LT1371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1371
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VNFB
Negative Feedback Reference Voltage
Measured at Negative Feedback Pin
– 2.540
– 2.490
– 2.440
V
Feedback Pin Open, VC = 0.8V
q
– 2.570
– 2.490
– 2.410
V
INFB
Negative Feedback Input Current
VNFB = VNFR
q
–45
– 30
–15
µA
Negative Feedback Reference Voltage
2.7V
≤ VIN ≤ 25V, VC = 0.8V
q
0.01
0.05
%/V
Line Regulation
gm
Error Amplifier Transconductance
∆IC = ±25µA
1100
1500
1900
µmho
q
700
2300
µmho
Error Amplifier Source Current
VFB = VREF – 150mV, VC = 1.5V
q
120
200
350
µA
Error Amplifier Sink Current
VFB = VREF + 150mV, VC = 1.5V
q
1400
2400
µA
Error Amplifier Clamp Voltage
High Clamp, VFB = 1V
1.70
1.95
2.30
V
Low Clamp, VFB = 1.5V
0.25
0.40
0.52
V
AV
Error Amplifier Voltage Gain
500
V/ V
VC Pin Threshold
Duty Cycle = 0%
0.8
1
1.25
V
f
Switching Frequency
2.7V
≤ VIN ≤ 25V
450
500
550
kHz
0
°C ≤ TJ ≤ 125°C
q
430
500
580
kHz
– 40
°C ≤ TJ ≤ 0°C (I Grade)
400
580
kHz
Maximum Switch Duty Cycle
q
85
95
%
Switch Current Limit Blanking Time
130
260
ns
BV
Output Switch Breakdown Voltage
LT1371
q
35
47
V
LT1371HV
0
° C ≤ TJ ≤ 125°C
q
42
47
V
– 40
°C ≤ TJ ≤ 0°C (I Grade)
40
V
VSAT
Output Switch ON Resistance
ISW = 2A
q
0.25
0.45
Ω
ILIM
Switch Current Limit
Duty Cycle = 50%
q
3.0
3.8
5.4
A
Duty Cycle = 80% (Note 1)
q
2.6
3.4
5.0
A
∆IIN
Supply Current Increase During Switch ON Time
15
25
mA/A
∆ISW
Control Voltage to Switch Current
4A/V
Transconductance
Minimum Input Voltage
q
2.4
2.7
V
IQ
Supply Current
2.7V
≤ VIN ≤ 25V
q
4
5.5
mA
Shutdown Supply Current
2.7V
≤ VIN ≤ 25V, VS/S ≤ 0.6V
0
° C ≤ TJ ≤ 125°C
q
12
30
µA
– 40
°C ≤ TJ ≤ 0°C (I Grade)
50
µA
Shutdown Threshold
2.7V
≤ VIN ≤ 25V
q
0.6
1.3
2
V
Shutdown Delay
q
512
25
µs
S/S or SHDN Pin Input Current
0V
≤ VS/S or VSHDN ≤ 5V
q
–10
15
µA
Synchronization Frequency Range
q
600
800
kHz
ELECTRICAL C
C
HARA TERISTICS
VIN = 5V, VC = 0.6V, VFB = VREF, VSW, S/S, SHDN, SYNC and NFB pins open, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: For duty cycles (DC) between 50% and 90%, minimum
guaranteed switch current is given by ILIM = 1.33 (2.75 – DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com