Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1370IR Datasheet(PDF) 6 Page - Linear Technology

Part # LT1370IR
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370IR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1370IR Datasheet HTML 2Page - Linear Technology LT1370IR Datasheet HTML 3Page - Linear Technology LT1370IR Datasheet HTML 4Page - Linear Technology LT1370IR Datasheet HTML 5Page - Linear Technology LT1370IR Datasheet HTML 6Page - Linear Technology LT1370IR Datasheet HTML 7Page - Linear Technology LT1370IR Datasheet HTML 8Page - Linear Technology LT1370IR Datasheet HTML 9Page - Linear Technology LT1370IR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1370
BLOCK DIAGRAM
OPERATION
The LT1370 is a current mode switcher. This means that
switch duty cycle is directly controlled by switch current
rather than by output voltage. Referring to the block
diagram, the switch is turned ON at the start of each
oscillator cycle. It is turned OFF when switch current
reaches a predetermined level. Control of output voltage is
obtained by using the output of a voltage sensing error
amplifier to set current trip level. This technique has
several advantages. First, it has immediate response to
input voltage variations, unlike voltage mode switchers
which have notoriously poor line transient response.
Second, it reduces the 90
° phase shift at midfrequencies
in the energy storage inductor. This greatly simplifies
closed-loop frequency compensation under widely vary-
ing input voltage or output load conditions. Finally, it
allows simple pulse-by-pulse current limiting to provide
maximum switch protection under output overload or
short conditions. A low dropout internal regulator pro-
vides a 2.3V supply for all internal circuitry. This low
dropout design allows input voltage to vary from 2.7V to
25V with virtually no change in device performance. A
500kHz oscillator is the basic clock for all internal timing.
It turns on the output switch via the logic and driver
circuitry. Special adaptive antisat circuitry detects onset of
saturation in the power switch and adjusts driver current
instantaneously to limit switch saturation. This minimizes
driver dissipation and provides very rapid turn-off of the
switch.
A 1.245V bandgap reference biases the positive input of
the error amplifier. The negative input of the amplifier is
brought out for positive output voltage sensing. The error
amplifier has nonlinear transconductance to reduce out-
put overshoot on start-up or overload recovery. When
the feedback voltage exceeds the reference by 40mV,
error amplifier transconductance increases 10 times,
which reduces output overshoot. The feedback input also
invokes oscillator frequency shifting, which helps pro-
tect components during overload conditions. When the
feedback voltage drops below 0.6V, the oscillator fre-
quency is reduced 5:1. Lower switching frequency allows
full control of switch current limit by reducing minimum
switch duty cycle.
+
NFBA
NFB
S/S
FB
100k
50k
0.005
EA
VC
VIN
GND
LT1370 • BD
GND SENSE
1.245V
REF
5:1 FREQUENCY
SHIFT
OSC
SYNC
SHUTDOWN
DELAY AND RESET
LOW DROPOUT
2.3V REG
ANTI-SAT
LOGIC
DRIVER
SW
SWITCH
+
IA
AV ≈ 20
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com