Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9850MBA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # S9850MBA
Description  infrared laser diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

S9850MBA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  S9850MBA Datasheet HTML 1Page - Roithner LaserTechnik GmbH S9850MBA Datasheet HTML 2Page - Roithner LaserTechnik GmbH S9850MBA Datasheet HTML 3Page - Roithner LaserTechnik GmbH S9850MBA Datasheet HTML 4Page - Roithner LaserTechnik GmbH S9850MBA Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
06.09.2011
S9850MBA
1 of 5
S9850MBA
TECHNICAL DATA
Infrared Laser Diode
Features
• Lasing Mode Structure: single mode
• Peak Wavelength : typ. 980 nm
• Optical Ouput Power: 50 mW
• Package: 5.6 mm, without PD and window
Electrical Connection
Pin Configuration
Bottom View
PIN
Function
1
LD Cathode
2
LD Anode
3
Absolute Maximum Ratings (TC=20°C)
Item
Symbol
Value
Unit
CW Output Power
PO
50
mW
LD Reverse Voltage
Vr
2
V
PD Reverse Voltage
VrPD
30
V
Operating Case Temperature
TC
-10 … +40
°C
Storage Temperature
Tstg
-15 … +85
°C
Specifications (TC=20°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
50
-
mW
Center Wavelength
λ
C
970
980
990
nm
θ║
8
13
18
deg
FWHM Beam Divergence
θ┴
25
30
35
deg
Electrical Specifications
Threshold Current
Ith
-
12
20
mA
Operating Current
Iop
-
75
100
mA
Slope Efficiency
η
0.5
0.8
-
mW/mA
Operating Voltage
Uop
1
1.5
2.1
V
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - S9850MBA

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
S9850MG ROITHNER-S9850MG Datasheet
363Kb / 5P
infrared laser diode
More results

Similar Description - S9850MBA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
INFRARED LASER DIODE
logo
Roithner LaserTechnik G...
QL85D6SA ROITHNER-QL85D6SA Datasheet
441Kb / 5P
Infrared Laser Diode
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
Infrared Laser Diode
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
infrared diode laser
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
Infrared Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com