Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1425CS Datasheet(PDF) 20 Page - Linear Technology

Part # LT1425CS
Description  Isolated Flyback Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1425CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1425CS Datasheet HTML 12Page - Linear Technology LT1425CS Datasheet HTML 13Page - Linear Technology LT1425CS Datasheet HTML 14Page - Linear Technology LT1425CS Datasheet HTML 15Page - Linear Technology LT1425CS Datasheet HTML 16Page - Linear Technology LT1425CS Datasheet HTML 17Page - Linear Technology LT1425CS Datasheet HTML 18Page - Linear Technology LT1425CS Datasheet HTML 19Page - Linear Technology LT1425CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1425
1425fa LT/TP 1198 2K REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1997
TYPICAL APPLICATION
12V to 5V Isolated Converter
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1105
Off-Line Switching Regulator
Built-In Isolated Regulation Without Optoisolator
LTC
®1145/46
Isolated Digital Data Transceivers
Up to 200kbps Data Rate, UL Listed
LT1170/71/72
5A/3A/1.25A Flyback Regulators
Isolated Flyback Mode for Higher Currents
LT1372/77
500kHz/1MHz Boost/Flyback Regulators
Uses Ultrasmall Magnetics
LT1424
Application Specific Isolated Regulator
8-Pin Fixed Voltage Version of LT1425
+
+
+
220
µF
10V
1425 TA05
LT1425
MBRS340T3
2
5
1
4
6
3
10
7
11
8
12
9
GND
NC
RFB
VC
RREF
SYNC
SGND
GND
GND
SHDN
ROCOMP
RCCOMP
VIN
VSW
PGND
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
3.01k
1%
25.5k
1%
9.3k
1%
MMFT1N10E
2.4k
12V
INPUT
COM
0.1
µF
22
µF
35V
220
µF
10V
200
Ω
5V
1A
OUT
COM
COILTRONICS
VP1-0190
TURNS RATIO 1 : 1 : 1 : 1 : 1 : 1
12
µH PER WINDING
407-241-7876
1000pF
1000pF
MUR120
Q1
2N3906
0.1
µF
100
Ω
10
Ω
1.8k
330pF
9
D1
1N755
7.5V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com