Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1376CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1376CS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1376CS8 Datasheet HTML 20Page - Linear Technology LT1376CS8 Datasheet HTML 21Page - Linear Technology LT1376CS8 Datasheet HTML 22Page - Linear Technology LT1376CS8 Datasheet HTML 23Page - Linear Technology LT1376CS8 Datasheet HTML 24Page - Linear Technology LT1376CS8 Datasheet HTML 25Page - Linear Technology LT1376CS8 Datasheet HTML 26Page - Linear Technology LT1376CS8 Datasheet HTML 27Page - Linear Technology LT1376CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LT1375/LT1376
APPLICATIONS INFORMATION
POSITIVE-TO-NEGATIVE CONVERTER
The circuit in Figure 18 is a classic positive-to-negative
topology using a grounded inductor. It differs from the
standard approach in the way the IC chip derives its
feedback signal, however, because the LT1376 accepts
only positive feedback signals, the ground pin must be tied
to the regulated negative output. A resistor divider to
ground or, in this case, the sense pin, then provides the
proper feedback voltage for the chip.
OUTPUT**
–5V, 0.5A
INPUT
4.5V TO
20V
1375/76 F18
C2
0.1
µF
CC
RC
D2
1N5818
C1
100
µF
10V TANT
C3
10
µF TO
50
µF
D1
1N4148
L1*
5
µH
BOOST
LT1376-5
VIN
VSW
SENSE
GND
VC
* INCREASE L1 TO 10
µH OR 20µH FOR HIGHER CURRENT APPLICATIONS.
SEE APPLICATIONS INFORMATION
** MAXIMUM LOAD CURRENT DEPENDS ON MINIMUM INPUT VOLTAGE
AND INDUCTOR SIZE. SEE APPLICATIONS INFORMATION
+
+
Figure 18. Positive-to-Negative Converter
Inverting regulators differ from buck regulators in the
basic switching network. Current is delivered to the output
as
square waves with a peak-to-peak amplitude much
greater than load current. This means that maximum load
current will be significantly less than the LT1376’s 1.5A
maximum switch current, even with large inductor values.
The buck converter in comparison, delivers current to the
output as a triangular wave superimposed on a DC level
equal to load current, and load current can approach 1.5A
with large inductors. Output ripple voltage for the positive-
to-negative converter will be much higher than a buck
converter. Ripple current in the output capacitor will also
be much higher. The following equations can be used to
calculate operating conditions for the positive-to-negative
converter.
Maximum load current:
I
I
VV
VV
f L
VV
VV
V
V
MAX
P
IN
OUT
OUT
IN
OUT
IN
OUT
IN
OUT
F
=
()( )
+
()( )( )
()
()
+−
() +
()
2
05
05
.
.
IP = Maximum rated switch current
VIN = Minimum input voltage
VOUT = Output voltage
VF = Catch diode forward voltage
0.5 = Switch voltage drop at 1.5A
Example: with VIN(MIN) = 4.7V, VOUT = 5V, L = 10µH, VF =
0.5V, IP = 1.5A: IMAX = 0.52A. Note that this equation does
not take into account that maximum rated switch current
(IP) on the LT1376 is reduced slightly for duty cycles
above 50%. If duty cycle is expected to exceed 50% (input
voltage less than output voltage), use the actual IP value
from the Electrical Characteristics table.
Operating duty cycle:
DC
VV
VV
V
OUT
F
IN
OUT
F
=
+
−+
+
03
.
(This formula uses an average value for switch loss, so it
may be several percent in error.)
With the conditions above:
DC
=
+
−+ +
=
50 5
47 03 5 0 5
56
.
..
.
%
This duty cycle is close enough to 50% that IP can be
assumed to be 1.5A.
OUTPUT DIVIDER
If the adjustable part is used, the resistor connected to
VOUT (R2) should be set to approximately 5k. R1 is
calculated from:
R
RVOUT
1
22 42
242
=
()
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com