Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1376HVCS8 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1376HVCS8
Description  1.5A, 500kHz Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1376HVCS8 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1376HVCS8 Datasheet HTML 18Page - Linear Technology LT1376HVCS8 Datasheet HTML 19Page - Linear Technology LT1376HVCS8 Datasheet HTML 20Page - Linear Technology LT1376HVCS8 Datasheet HTML 21Page - Linear Technology LT1376HVCS8 Datasheet HTML 22Page - Linear Technology LT1376HVCS8 Datasheet HTML 23Page - Linear Technology LT1376HVCS8 Datasheet HTML 24Page - Linear Technology LT1376HVCS8 Datasheet HTML 25Page - Linear Technology LT1376HVCS8 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1375/LT1376
APPLICATIONS INFORMATION
How Do I Test Loop Stability?
The “standard” compensation for LT1376 is a 3.3nF
capacitor for CC, with RC = 0. While this compensation will
work for most applications, the “optimum” value for loop
compensation components depends, to various extent, on
parameters which are not well controlled. These include
inductor value (
±30% due to production tolerance, load
current and ripple current variations),
output capacitance
(
±20% to ±50% due to production tolerance, tempera-
ture, aging and changes at the load),
output capacitor ESR
(
±200% due to production tolerance, temperature and
aging), and finally,
DC input voltage and output load
current . This makes it important for the designer to check
out the final design to ensure that it is “robust” and tolerant
of all these variations.
I check switching regulator loop stability by pulse loading
the regulator output while observing transient response at
the output, using the circuit shown in Figure 16. The
regulator loop is “hit” with a small transient AC load
current at a relatively low frequency, 50Hz to 1kHz. This
causes the output to jump a few millivolts, then settle back
to the original value, as shown in Figure 17. A well behaved
loop will settle back cleanly, whereas a loop with poor
phase or gain margin will “ring” as it settles. The
number
of rings indicates the degree of stability, and the
frequency
of the ringing shows the approximate unity-gain fre-
quency of the loop.
Amplitude of the signal is not particu-
larly important, as long as the amplitude is not so high that
the loop behaves nonlinearly.
The output of the regulator contains both the desired low
frequency transient information and a reasonable amount
of high frequency (500kHz) ripple. The ripple makes it
difficult to observe the small transient, so a two-pole,
100kHz filter has been added. This filter is not particularly
critical; even if it attenuated the transient signal slightly,
this wouldn’t matter because amplitude is not critical.
After verifying that the setup is working correctly, I start
varying load current and input voltage to see if I can find
any combination that makes the transient response look
suspiciously “ringy.” This procedure may lead to an ad-
justment for best loop stability or faster loop transient
response. Nearly always you will find that loop response
looks better if you add in several k
Ω for RC. Do this only
if necessary, because as explained before, RC above 1k
may require the addition of CF to control VC pin ripple. If
everything looks OK, I use a heat gun and cold spray on the
circuit (especially the output capacitor) to bring out any
temperature-dependent characteristics.
Figure 16. Loop Stability Test Circuit
TO
OSCILLOSCOPE
SYNC
ADJUSTABLE
DC LOAD
ADJUSTABLE
INPUT SUPPLY
100Hz TO 1kHz
100mV TO 1VP-P
100
µF TO
1000
µF
RIPPLE FILTER
1375/76 F16
TO X1
OSCILLOSCOPE
PROBE
3300pF
330pF
50
Ω
470
Ω
4.7k
SWITCHING
REGULATOR
+
0.2ms/DIV
1375/76 F17
10mV/DIV
VOUT AT IOUT =
500mA
BEFORE FILTER
VOUT AT IOUT =
500mA
AFTER FILTER
VOUT AT IOUT = 50mA
AFTER FILTER
LOAD PULSE
THROUGH 50
Ω
f
≈ 780Hz
5A/DIV
Figure 17. Loop Stability Check



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com