Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF3002PT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF3002PT
Description  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF3002PT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF3002PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF3002PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF3002PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF3002PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SF3006PT
SF3006PT
(TA=25℃ unless otherwise noted)
Document Number: DS_D1401017
Version: G14
SF30xxPT
(Note 1)
C0
Suffix "G"
TO-3P
SF3001PT thru SF3008PT
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
Green compound
DESCRIPTION
30 / Tube
PACKING
RATINGS AND CHARACTERISTICS CURVES
SF3006PT C0
C0
SF3006PT C0G
C0
G
Note 1: "xx" defines voltage from 50V (SF3001PT) to 600V (SF3008PT)
0
6
12
18
24
30
36
050
100
150
CASE TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=75℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
FIG. 4- TYPICAL INSTANEOUS FORWARD
CHARACTERISTICS
125oC
25oC
Pulse Width=300μs
1% Duty Cycle
SF3005PT-08PT
SF3001PT-04PT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com