Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1499 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1499
Description  10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1499 Datasheet HTML 3Page - Linear Technology LT1499 Datasheet HTML 4Page - Linear Technology LT1499 Datasheet HTML 5Page - Linear Technology LT1499 Datasheet HTML 6Page - Linear Technology LT1499 Datasheet HTML 7Page - Linear Technology LT1499 Datasheet HTML 8Page - Linear Technology LT1499 Datasheet HTML 9Page - Linear Technology LT1499 Datasheet HTML 10Page - Linear Technology LT1499 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1498/LT1499
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+
q
300
950
µV
VCM = V
– + 0.1V
q
300
950
µV
VOS TC
Input Offset Voltage Drift (Note 2)
q
1.0
3.5
µV/°C
VCM = V
+
q
2.0
5.0
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– + 0.1V to V+
q
250
850
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V
– + 0.1V, V+ (Note 4)
q
350
1800
µV
IB
Input Bias Current
VCM = V
+
q
0
350
800
nA
VCM = V
– + 0.1V
q
– 800
– 350
0
nA
∆IB
Input Bias Current Shift
VCM = V
– + 0.1V to V+
q
700
1600
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V
+ (Note 4)
q
0
20
200
nA
VCM = V– + 0.1V (Note 4)
q
– 200
– 20
0
nA
IOS
Input Offset Current
VCM = V+
q
15
100
nA
VCM = V– + 0.1V
q
15
100
nA
∆IOS
Input Offset Current Shift
VCM = V– + 0.1V to V+
q
30
200
nA
AVOL
Large-Signal Voltage Gain
VO = – 14.5V to 14.5V, RL = 10k
q
800
5000
V/mV
VO = – 10V to 10V, RL = 2k
q
350
2000
V/mV
Channel Separation
VO = – 10V to 10V, RL = 2k
q
110
120
dB
CMRR
Common Mode Rejection Ratio
VCM = V– + 0.1V to V+
q
90
101
dB
CMRR Match (Channel-to-Channel) (Note 4)
VCM = V– + 0.1V to V+
q
86
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
88
100
dB
PSRR Match (Channel-to-Channel) (Note 4)
VS = ±5V to ±15V
q
82
100
dB
VOL
Output Voltage Swing (Low) (Note 5)
No Load
q
25
50
mV
ISINK = 0.5mA
q
50
100
mV
ISINK = 10mA
q
275
520
mV
VOH
Output Voltage Swing (High) (Note 5)
No Load
q
3.5
15
mV
ISOURCE = 0.5mA
q
65
120
mV
ISOURCE = 10mA
q
500
1000
mV
ISC
Short-Circuit Current
q
±10
±18
mA
IS
Supply Current per Amplifier
q
2.0
3.0
mA
GBW
Gain-Bandwidth Product (Note 6)
q
5.8
8.5
MHz
SR
Slew Rate
AV = – 1, RL = Open, VO = ±10V,
q
3
4.75
V/
µs
Measure at VO = ±5V
ELECTRICAL CHARACTERISTICS
–40
°C < TA < 85°C, VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 3)
Note 4: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1499; between the two amplifiers on the
LT1498.
Note 5: Output voltage swings are measured between the output and
power supply rails.
Note 6: VS = 3V, VS = ±15V GBW limit guaranteed by correlation to
5V tests.
Note 7: VS = 3V, VS = 5V slew rate limit guaranteed by correlation to
±15V tests.
The q denotes specifications that apply over the full operating temperature
range.
Note 1: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 2: This parameter is not 100% tested.
Note 3: The LT1498/LT1499 are designed, characterized and expected to
meet these extended temperature limits, but are not tested at – 40
°C and
85
°C. Guaranteed I grade parts are available, consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com