Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0110B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0110B
Description  ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0110B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0110B Datasheet HTML 1Page - Solid States Devices, Inc RC0110B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD3126
__ __ __
│
│
│
│
│
│
│
│
│
│
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
└
Recovery Time 4/
___ = Standard Recovery ( 5000 ns)
F = Fast ( 250 nS)
UF = Ultrafast ( 70 ns )
SPD3126 Series
HIGH VOLTAGE
1.0 AMP
2.5 kV MIN
Standard/ Fast / UltraFast Recovery
Rectifier
FEATURES:
•
PIV 2.5 kV MIN
•
Hermetically Sealed
•
Single Chip Construction
•
For High Voltage Applications
•
Available in Axial & Square Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
•
Replacement for High Voltage Multijunction
Devices
MAXIMUM RATINGS 3/
Recovery Time
RATING
SYMBOL
Std
Fast
UF
UNIT
Peak Repetitive Reverse Voltage
And
DC Blocking Voltage
SPD3126
VRRM
VR
2500
2500
2500
Volts
Average Rectified Forward Current
(L = 1/8”, Resistive Load, 60Hz, Sine Wave, TA = 25°C)
IO
1.0
0.8
0.7
Amps
Peak Surge Current
(8.3ms pulse, half sine wave superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
40
28
20
Amps
Operating & Storage Temperature
TJ and TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.375"
Junction to End Tab for Surface Mount
RθJL
RθJE
38
25
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0110B
DOC


Similar Part No. - RC0110B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
More results

Similar Description - RC0110B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RA0006 SSDI-RA0006_15 Datasheet
53Kb / 2P
ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com