Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1505 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1505
Description  Constant-Current/Voltage High Efficiency Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1505 Datasheet(HTML) 2 Page - Linear Technology

  LT1505 Datasheet HTML 1Page - Linear Technology LT1505 Datasheet HTML 2Page - Linear Technology LT1505 Datasheet HTML 3Page - Linear Technology LT1505 Datasheet HTML 4Page - Linear Technology LT1505 Datasheet HTML 5Page - Linear Technology LT1505 Datasheet HTML 6Page - Linear Technology LT1505 Datasheet HTML 7Page - Linear Technology LT1505 Datasheet HTML 8Page - Linear Technology LT1505 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1505
VCC, CLP, CLN, INFET, UV, 3CELL, FLAG................ 27V
SW Voltage with Respect to GND ........................... – 2V
BOOST, BOOSTC Voltage with Respect to VCC ....... 10V
GBIAS ..................................................................... 10V
SYNC, BAT2, BAT, SENSE, SPIN ............................ 20V
VC, PROG, VFB, 4.1V, 4.2V ........................................ 7V
CAP, SHDN ..........................................................
±3mA
ABSOLUTE MAXIMUM RATINGS (Note 1)
TGATE, BGATE Current Continuous ....................... 0.2A
TGATE, BGATE Output Energy (per cycle) ............... 2
µJ
Maximum Operating VCC ......................................... 24V
Operating Ambient Temperature Range ....... 0
°C to 70°C
Operating Junction Temperature Range .... 0
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1505CG
LT1505CG-1
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 100°C/ W
Consult factory for Industrial and Military grade parts.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BOOST
TGATE
SW
SYNC
SHDN
AGND
UV
INFET
CLP
CLN
COMP1
CAP
FLAG
4.1V
PGND
BGATE
GBIAS
BOOSTC
VCC
BAT
SPIN
SENSE
BAT2
PROG
VC
VFB
3CELL
4.2V
TJMAX = 125°C, θJA = 100°C/ W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BOOST
TGATE
SW
SYNC
SHDN
AGND
UV
INFET
NC
NC
GND
CAP
FLAG
4.1V
PGND
BGATE
GBIAS
BOOSTC
VCC
BAT
SPIN
SENSE
BAT2
PROG
VC
VFB
3CELL
4.2V
NOTE: LT1505CG-1 DOES NOT
HAVE INPUT CURRENT
LIMITING FUNCTION.
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 18V, VBAT = 12.6V, VCLN = VCC (LT1505), no load on any
outputs unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current
VCC ≤ 24V
q
12
15
mA
Sense Amplifier CA1 Gain and Input Offset Voltage
11V
≤ VCC ≤ 24V , 0V ≤ VBAT ≤ 20V
(With RS2 = 200Ω, RS3 = 200Ω)RPROG = 4.93k
95
100
105
mV
(Measured across RS1, Figure 1) (Note 2)
RPROG = 4.93k
q
92
108
mV
RPROG = 49.3k
7
10
13
mV
BOOST Pin Current
VBOOST = VSW + 8V, 0V ≤ VSW ≤ 20V
TGATE High
2
3
mA
TGATE Low
2
3
mA
BOOSTC Pin Current
VBOOSTC = VCC + 8V
1
mA
Reference
Reference Voltage (Note 3)
RPROG = 4.93k, Measured at VFB with VA
2.453
2.465
2.477
V
Supplying IPROG and Switching Off
Reference Voltage Tolerance
11V
≤ VCC ≤ 24V
q
2.441
2.489
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com