Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1507 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1507
Description  500kHz Monolithic Buck Mode Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507 Datasheet(HTML) 3 Page - Linear Technology

  LT1507 Datasheet HTML 1Page - Linear Technology LT1507 Datasheet HTML 2Page - Linear Technology LT1507 Datasheet HTML 3Page - Linear Technology LT1507 Datasheet HTML 4Page - Linear Technology LT1507 Datasheet HTML 5Page - Linear Technology LT1507 Datasheet HTML 6Page - Linear Technology LT1507 Datasheet HTML 7Page - Linear Technology LT1507 Datasheet HTML 8Page - Linear Technology LT1507 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1507
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Frequency
VC Set to Give 50% Duty Cycle
460
500
540
kHz
–25
°C ≤ TJ ≤ 125°C
440
560
kHz
TJ ≤ –25°C
440
570
kHz
Switch Frequency Line Regulation
4.3V
≤ VIN ≤ 15V
q
0.05
0.15
%/V
Frequency Shifting Threshold on FB Pin
∆f = 10kHz
q
0.8
1.0
1.3
V
Minimum Input Voltage (Note 2)
q
4
4.3
V
Minimum Boost Voltage (Note 3)
ISW ≤ 1.5A
q
3
3.5
V
Boost Current (Note 4)
VBOOST = VIN + 5V
ISW = 500mA, –25°C ≤ TJ ≤ 125°C12
22
mA
TJ ≤ –25°C25
mA
ISW = 1.5A,
–25
°C ≤ TJ ≤ 125°C25
35
mA
TJ ≤ –25°C40
mA
Input Supply Current (Note 5)
q
3.8
5.4
mA
Shutdown Supply Current
VSHDN = 0V, VIN ≤ 12V
15
50
µA
VSW = 0V, VC Open
q
75
µA
Lockout Threshold
VC Open
q
2.3
2.38
2.46
V
Shutdown Threshold
VC Open
Device Shutting Down
q
0.15
0.37
0.70
V
Device Starting Up
q
0.25
0.45
0.70
V
Minimum Synchronizing Amplitude
q
1.5
2.2
V
Synchronizing Frequency Range (Note 7)
580
1000
kHz
The q denotes specifications which apply over the operating temperature
range.
Note 1: Gain is measured with a VC swing equal to 200mV above the low
clamp level to 200mV below the upper clamp level.
Note 2: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated, so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current. See Applications Information.
Note 3: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 4: Boost current is the current flowing into the BOOST pin with the
pin held 5V above input voltage. It flows only during switch ON time.
Note 5: Input supply current is the bias current drawn by the VIN pin when
the SHDN pin is held at 1V (switching disabled).
Note 6: Switch ON resistance is calculated by dividing VIN to VSW voltage
by the forced current (1.5A). See Typical Performance Characteristics for
the graph of switch voltage at other currents.
Note 7: For synchronizing frequency above 700kHz, with duty cycles
above 50%, external slope compensation may be needed. See Applications
Information.
Note 8: Transconductance and voltage gain refer to the internal amplifier
exclusive of the voltage divider. To calculate gain and transconductance
refer to SENSE pin on fixed voltage parts. Divide values shown by the ratio
VOUT/2.42.
TJ = 25°C, VIN = 5V, VC = 1.5V, boost open, switch open unless otherwise specified.
VC Pin Shutdown Threshold
JUNCTION TEMPERATURE (
°C)
–50
2.44
2.43
2.42
2.41
2.40
100
LT1507 • TPC03
–25
0
25
50
75
125
2.0
1.5
1.0
0.5
0
VOLTAGE
CURRENT
LOAD CURRENT (A)
0
100
90
80
70
60
50
1.00
LT1507 • TA02
0.25
0.50
0.75
1.25
VIN = 5V
VOUT = 3.3V
Switch Peak Current Limit
Feedback Pin Voltage and Current
JUNCTION TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
100
LT1507 • TPC01
–25
0
25
50
75
125
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com