Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3539 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 2 Page - Linear Technology

  LTC3539 Datasheet HTML 1Page - Linear Technology LTC3539 Datasheet HTML 2Page - Linear Technology LTC3539 Datasheet HTML 3Page - Linear Technology LTC3539 Datasheet HTML 4Page - Linear Technology LTC3539 Datasheet HTML 5Page - Linear Technology LTC3539 Datasheet HTML 6Page - Linear Technology LTC3539 Datasheet HTML 7Page - Linear Technology LTC3539 Datasheet HTML 8Page - Linear Technology LTC3539 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC3539/LTC3539-2
2
35392fc
For more information www.linear.com/3539/3539-2
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................... –0.3V to 6V
SW Voltage
DC............................................................ –0.3V to 6V
Pulsed <100ns......................................... –0.3V to 7V
SHDN, FB, MODE Voltage ............................ –0.3V to 6V
VOUT............................................................. –0.3V to 6V
Operating Temperature (Notes 2, 5).........–40°C to 85°C
Storage Temperature Range .................. –65°C to 125°C
(Note 1)
TOP VIEW
VOUT
MODE
FB
SHDN
SW
PGND
GND
VIN
DCB PACKAGE
8-LEAD (2mm
× 3mm) PLASTIC DFN
9
3
4
2
1
6
5
7
8
TJMAX = 125°C, θJA = 64°C/W (NOTE 6)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
After Start-Up
0.5
5
V
Minimum Start-Up Voltage
ILOAD = 1mA, VOUT = 0V
0.7
0.88
V
Output Voltage Adjust Range
l
1.5
5.25
V
Feedback Voltage
l
1.182
1.200
1.218
V
Feedback Input Current
VFB = 1.2V
1
50
nA
Quiescent Current - Shutdown
VSHDN = 0V, Not Including Switch Leakage, VOUT = 0V
0.01
1
µA
Quiescent Current - Active
Measured on VOUT, Non-Switching
300
500
µA
Quiescent Current - Burst
Measured on VOUT, FB > 1.230V
10
18
µA
N-Channel MOSFET Switch Leakage Current VSW = 5V
0.1
10
µA
P-Channel MOSFET Switch Leakage Current
VSW = 5V, VOUT = 0V
0.1
20
µA
N-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.09
Ω
P-Channel MOSFET Switch On Resistance
VOUT = 3.3V
0.125
Ω
N-Channel MOSFET Current Limit
l
2
2.6
A
The l denotes the specifications which apply over the specified
temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3539EDCB#PBF
LTC3539EDCB#TRPBF
LDCS
8-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC3539EDCB-2#PBF
LTC3539EDCB-2#TRPBF
LDPH
8-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com