Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR310 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR310
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR310 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR310 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR310 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR310 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR310 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SR306
SR306
SR306
(TA=25℃ unless otherwise noted)
Document Number: D1308007
Version: I13
SR302 thru SR320
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
A0
Suffix "G"
DO-201AD
500 / Ammo box
R0
DO-201AD
1,250 / 13" Paper reel
X0
Forming
RATINGS AND CHARACTERISTICS CURVES
SR306 A0
A0
SR306 A0G
SR306HA0
H
A0
AEC-Q101 qualified
SR3xx
(Note 1)
Prefix "H"
Note 1: "xx" defines voltage from 20V (SR302) to 200V (SR320)
EXAMPLE
PREFERRED P/N
Green compound
DO-201AD
A0
G
B0
DO-201AD
500 / Bulk packing
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
0
1
2
3
4
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
SR302-SR304
SR305-SR320
0
20
40
60
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SURGE CURRENT
8.3ms Single Half Wave
JEDEC Method
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
SR302-SR304
SR305-SR320
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
SR302-SR304
SR305-SR306
SR315-SR320
SR309-SR310



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com